Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHB2SA2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # LHB2SA2
Description  .156 HEADER & HOUSING .156 [3.96] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

LHB2SA2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  LHB2SA2 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
283
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
INTRODUCTION:
Adam Tech .156” Headers and Housings are two matched sets of
Crimp Wire Housings and PCB mounted Latching Headers available
in Straight and Right Angle orientation. This system is available with
a front locking header, a rear locking header or without a locking
feature. Each of the locking types are polarized to fit in only one
direction with the housing. This system provides a sturdy, high
current, high reliability connection with or without the polarized
locking option.
FEATURES:
Matched Latching Housing & Header system
Straight, Right Angle mounting Headers
Choice of Two Latching Types
Housings feature High pressure, Low insertion force contacts
MATING CONNECTORS:
Adam Tech MTB series and all industry standard latching type
.156 [3.96mm] centers
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-2
Insulator Color: Natural
Contacts: Phosphor bronze and Brass
Contact Plating:
Tin over copper underplate overall
Electrical:
Operation voltage: 250V AC max.
Current rating: 5 Amp max.
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Recommended wire size: 18 to 24 Awg
Environmental:
Operating temperature: -25°C to +85°C
PACKAGING:
Anti-static plastic bags
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
ORDERING INFORMATION
.156" HEADER & HOUSING
.156" [3.96] CENTERLINE
LHB & MTB SERIES
HOUSING
MTB
12
SERIES INDICATOR
MTB = Wire housing
MTC = Latching Wire Housing
POSITIONS
2 thru 20
MTB-C
R
SERIES INDICATOR
MTB-C = Crimp contact
MTC-C = Crimp contact
PACKAGING
B = 1000 pieces
loose cut
R = 6000 pieces
on reel
CRIMP CONTACT
LHB
12
S
A
1
SERIES
INDICATOR
LHB = Power
Header
LHC = Power
Header with
Rear Lock
POSITIONS
2 thru 20
PIN ANGLE
A = Straight
B = Right Angle
FRICTION LOCK /
POLARIZER
OPTION
1 = With Lock
Polarizer
(LHB only)
2 = Without Lock
Polarizer
LHB only)
3 = With Rear Lock
(LHC only)
PIN TYPE
S = .045" Square
POWER HEADER
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - LHB2SA2

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LHB24-3-100 BELIMO-LHB24-3-100 Datasheet
655Kb / 2P
On/Off, Non-Spring Return, Linear, 24 V
LHB24-3-200 BELIMO-LHB24-3-200 Datasheet
602Kb / 2P
On/Off, Non-Spring Return, Linear, 24 V
LHB24-3-T-100 BELIMO-LHB24-3-T-100 Datasheet
612Kb / 2P
24 VAC, 짹20%, 50/60 Hz, 24 VDC, 짹20%
LHB24-SR-100 BELIMO-LHB24-SR-100 Datasheet
460Kb / 2P
Modulating, Non-Spring Return, Linear, 24 V, for DC 2...10 V or 4...20 mA
LHB24-SR-200 BELIMO-LHB24-SR-200 Datasheet
460Kb / 2P
Modulating, Non-Spring return, Linear, 24 V, for DC 2...10 V and 4...20 mA
More results

Similar Description - LHB2SA2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTDA07B1 ADAM-TECH-MTDA07B1 Datasheet
114Kb / 1P
HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
MTD-A-04-D-1 ADAM-TECH-MTD-A-04-D-1 Datasheet
120Kb / 1P
HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
logo
Molex Electronics Ltd.
09-48-1024 MOLEX11-09-48-1024 Datasheet
339Kb / 11P
KK 156 HOUSING PCB 41815 SERIES
009-01-1038 MOLEX11-009-01-1038 Datasheet
196Kb / 2P
EDGE CARD CONNECTOR .156 / (3.96) CL CRIMP 2574 WITH HOOJ
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
(3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
(3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
logo
TE Connectivity Ltd
C-2132781 TEC-C-2132781 Datasheet
210Kb / 1P
RECEPTACLE HOUSING, ECONOMY POWER II, 3.96 CENTERLINE W/ RETAINING FEATURES
C-2132782 TEC-C-2132782 Datasheet
176Kb / 1P
BREAKAWAY RETAINER, ECONOMY POWER II, 3.96 CENTERLINE
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
KK 156 HOUSING PCB 41815 SERIES
1987/01/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com