Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDJ009FS Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MDJ009FS
Description  MINI DIN JACKS PC BOARD & PANEL MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MDJ009FS Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MDJ009FS Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
216
MDJ
008
S
SERIES
INDICATOR
MDJ = Right Angle
PCB Mount
MDJD = Stacked
Right Angle
PCB Mount
POSITIONS
003 thru 009
SHIELDING
Blank = No shield
S = Four sided shield
FS = Five sided shield
ORDERING INFORMATION
RIGHT ANGLE MOUNT
MDV
004
SERIES
INDICATOR
MDV = Vertical,
PCB Mount
POSITIONS
003 thru 008
MOUNTING
Blank = No mounting
provision
B = Threaded outer
shell with
mounting nut
E = Flanges with
mounting holes
VERTICAL MOUNT
MDE
006
W
SERIES INDICATOR
MDE = Panel mount
jack with flanges
POSITIONS
003 thru 008
TERMINATION
W = 6" wire leads
stripped .250"
WS = 6" wire leads
with .250" spade
terminals
PANEL MOUNT
INTRODUCTION:
Adam Tech MDJ Series Mini DIN Jacks continue to be a popular,
high density, low cost, low profile interconnect solution. Available in
a multitude of styles and configurations, they are able to satisfy a
broad range of applications. This series offers jacks in 3 thru 9
positions with straight, right angle or panel mounting and offers
choice of four different shielding and panel grounding options. Color-
coded jacks for port identification are also available. Adam Tech’s
special contact design offers a high reliability connection with
extremely low contact resistance.
FEATURES:
Wide Range of Styles
Right Angle, Straight and Panel Mount types
Shielding Options for EMI/RFI suppression
Color-Coded versions
MATING PLUGS:
All industry standard circular Mini DIN plugs.
SPECIFICATIONS:
Material:
Standard insulator: PBT glass filled, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black standard, custom colors available
Contacts: Phosphor Bronze
Shield: Copper Alloy, Tin Plated
Contact Plating:
Gold over Nickel underplate on contact area, tin over Copper
underplate on tails
Electrical:
Operating voltage: 100V AC / 12V DC max.
Current rating: 1 Amp max. / 2 Amps max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 9.9 lbs max.
Withdrawal force: 0.8 lbs min
Mating durability: 5000 cycles min.
Temperature Rating:
Operating temperature: -25°C to +70°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
MINI DIN JACKS
PC BOARD & PANEL MOUNT
MDJ SERIES
OPTIONS:
Add designator(s) to end of part number
RT = PC board retention feature. On shielded units, crimped
shield legs. On non-shielded units, forked grounding pin.
PG = Spring panel ground
PG4 = Four finger panel ground
HT = Hi-Temp insulator for Hi-Temp soldering processes
up to 260°C
TGBP = Top port color Green / Bottom port color Purple
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - MDJ009FS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MDJ-004-FS-PG4 ADAM-TECH-MDJ-004-FS-PG4 Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-004-FS-SMT ADAM-TECH-MDJ-004-FS-SMT Datasheet
89Kb / 1P
MINI DIN 4 POSITION
MDJ-006-FS-SL-HT ADAM-TECH-MDJ-006-FS-SL-HT Datasheet
84Kb / 1P
MINI DIN JACK RIGHT ANGLE
MDJ-006-FS-SL-SMTA ADAM-TECH-MDJ-006-FS-SL-SMTA Datasheet
132Kb / 1P
MINI DIN 6 POSITION RIGHT ANGLE
MDJ-008 ADAM-TECH-MDJ-008 Datasheet
171Kb / 1P
MINI DIN JACKS RIGHT ANGLE PCB MOUNT
More results

Similar Description - MDJ009FS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ADC0021 ADAM-TECH-ADC0021 Datasheet
138Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-007 ADAM-TECH-ADC-007 Datasheet
214Kb / 3P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-010 ADAM-TECH-ADC-010 Datasheet
112Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
DJ005S ADAM-TECH-DJ005S Datasheet
129Kb / 1P
CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ-008 ADAM-TECH-MDJ-008 Datasheet
171Kb / 1P
MINI DIN JACKS RIGHT ANGLE PCB MOUNT
MDV-008 ADAM-TECH-MDV-008 Datasheet
108Kb / 1P
MINI DIN JACKS TOP ENTRY, LOW PROFILE PCB MOUNT
logo
List of Unclassifed Man...
SPC15538 ETC2-SPC15538 Datasheet
106Kb / 1P
MINI-DIN JACK, 6 PINS NON-SHELD, PC BOARD MOUNT
logo
Adam Technologies, Inc.
DJ-XXX ADAM-TECH-DJ-XXX Datasheet
125Kb / 1P
RIGHT ANGLE PC BOARD MOUNT DIN JACK
logo
Kycon, Inc.
KMDPLX KYCON-KMDPLX Datasheet
912Kb / 1P
Panel Mount Mini-DIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com