Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS-CB Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MTS-CB
Description  .100 HEADER & HOUSING CONNECTOR SYSTEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MTS-CB Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MTS-CB Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
280
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
INTRODUCTION:
Adam Tech Friction Lock Header & Housing set was designed to
attach wires to a PCB. This series features a friction locking header
which mates to a polarized wire housing with crimp contacts. This set
provides a secure, easy to mate connection with superior electrical
characteristics.
FEATURES:
Precision .025" sq. posts
Secure friction lock
Polarized anti-vibration design
Available in 2 - 20 positions
MATING CONNECTORS:
All industry standard .100 centerline compatible latching headers and
housings
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-2
Insulator Color: White
Contacts: Phosphor bronze and Brass
Contact Plating:
Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 3 Amps max.
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Recommended wire size: 22 to 28 Awg with .059”
O.D. insulation max.
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic bags
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
.100" HEADER & HOUSING
CONNECTOR SYSTEM
LHA, LHS, MTA & MTS SERIES
ORDERING INFORMATION
CRIMP CONTACT
LHA
TS
SERIES INDICATOR
LHA = Locking Header
LHS = Short Back
Locking Header
POSITIONS
2 thru 20
PIN ANGLE
TS = Straight
TRA = Right Angle
TRB = Reverse
Right Angle
HOUSING
MTA
10
SERIES INDICATOR
MTA = Wire housing
MTS = Short back
wire housing
POSITIONS
2 thru 20
MTA-C
R
SERIES INDICATOR
MTA-C = Crimp contact
MTS-C = Crimp contact
PACKAGING
B = 1,000 piece loose cut
R = 6,000 pieces on reel
10
FRICTION LOCK HEADER
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MTS-CB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTS-C-X ADAM-TECH-MTS-C-X Datasheet
77Kb / 1P
CRIMP CONTACT
More results

Similar Description - MTS-CB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2CHB04 ADAM-TECH-2CHB04 Datasheet
129Kb / 1P
HEADER & HOUSING SYSTEMS
CDR04TS ADAM-TECH-CDR04TS Datasheet
117Kb / 1P
.100 LATCHING HEADER & HOUSING
CDR-06-TS ADAM-TECH-CDR-06-TS Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
MTE-08 ADAM-TECH-MTE-08 Datasheet
96Kb / 1P
HEADER & HOUSING SYSTEMS .100 [2.54] CENTERLINE SINGLE & DUAL ROW
logo
Molex Electronics Ltd.
34690-0200 MOLEX-34690-0200 Datasheet
1Mb / 2P
Stac64??2.54mm (.100?? Single, Multi-Pockect and Hybrid Header System
06-02-3031-P MOLEX11-06-02-3031-P Datasheet
54Kb / 1P
SWITCH CONNECTOR HOUSING, 3 CIRCUIT FLAT BLADE SYSTEM
logo
Tyco Electronics
2-1375820-1 MACOM-2-1375820-1 Datasheet
99Kb / 1P
HOUSING, CST-100 11
2-1375820-2 MACOM-2-1375820-2 Datasheet
99Kb / 1P
HOUSING, CT-100 11
2-1375820-5 MACOM-2-1375820-5 Datasheet
99Kb / 1P
HOUSING, CST-100 11
1-770602-0 MACOM-1-770602-0 Datasheet
87Kb / 1P
HOUSING, CST-100
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com