Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL7809 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IL7809
Description  POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL7809 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IL7809 Datasheet HTML 1Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 2Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 3Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 4Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 5Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 6Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 7Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 8Page - IK Semicon Co., Ltd IL7809 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IL78XX
IL7806 ELECTRICAL CHARACTERISTICS
(Refer to test circuit, Tmin<Tj<Tmax, Io=500mA, VI=11V, Ci=0.33 ㎌, Co=0.1 ㎌, unless otherwise sprcified)
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Tj = 25
° C
5.75
6.0
6.25
Output Voltage
Vo
5.0mA ≤Io ≤1.0A, PD ≤15W
VI = 8V to 21V
VI = 9V to 21V
5.7
6.0
6.3
V
VI = 8V to 25V
5
120
Line Regulation
△
Vo
Tj =
25
° C
VI = 9V to 13V
1.5
60
Io = 5.0mA to 1.5A
9
120
Load Regulation
△
Vo
Tj =
25
° C
Io = 250mA to 750mA
3
60
mV
Quiescent current
Iq
Tj = 25
° C
5
8
mA
Io = 5mA to 1A
0.5
VI = 8V to 25V
1.3
Quiescent current
Change
△
Iq
VI = 9V to 25V
mA
Output voltage Drift
△
Vo /△T
Io = 5mA
-0.8
mV/
° C
Output noise voltage
Vn
f = 10Hz to 100KHz, Ta = 25
° C
45
㎶
Ripple Rejection
RR
f = 120Hz, VI = 9V to 19V
59
75
dB
Dropout voltage
Vd
Io = 1A, Tj = 25
° C
2
V
Peak current
Ipk
Tj = 25
° C
2.2
A
Output Resistance
Ro
f = 1KHz
19
Short circuit current
Isc
Vi = 35V, Ta = 25
° C
250
mA
* Load and lone regulation are specified at constant junction temperature. Changes in Vo due to heating effects
must be taken into account separately. Pulse testing with low duty is used.
Rev. 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com