Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3480 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL3480
Description  100mA, Quasi Low-Dropout Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL3480 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL3480 Datasheet HTML 1Page - IK Semicon Co., Ltd IL3480 Datasheet HTML 2Page - IK Semicon Co., Ltd IL3480 Datasheet HTML 3Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IL3480
Rev. 00
Electrical Characteristics IL3480-3.3, IL3480-5.0
Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, -10 to +70°C. (Notes 1, 2)
Nominal Output Voltage (VNOM)
3.3V
5.0V
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Output Voltage
Vout
Vin=Vnom+1.5V;
1mА
≤Iout≤100mА
3.17
3.14
3.3
3.43
3.46
4.8
4.75
5.0
5.2
5.25
V
Line Regulation
ΔVout
Vnom+1.5V
≤Vin≤30V;
Iout =1mA
25
25
mV
Load Regulation
ΔVout
Vin=Vnom+1.5V;
1mА
≤Iout≤100mА
40
50
mV
Ground Pin Current
IGND
Vin=30V
No Load
3
4
3
4
mA
Ground Pin Current
Change
ΔIGND
Vnom+1.5V
≤Vin≤20V,
Iout =40mA;
Vin=Vnom+5V,
1mА
≤Iout≤40mА
1.4
0.5
1.4
0.5
Dropout Voltage
Vin-
Vout
Iout =10mA;
Iout =100mA
0.9
1.0
1.1
1.2
0.9
1.0
1.1
1.2
V
Note 1: A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not guaranteed.
Note 2: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com