Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MSB
Description  .100 MINI SHUNTS .100 [2.54] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MSB Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MSB Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
256
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
.100" MINI SHUNTS
.100" [2.54] CENTERLINE
MS SERIES
.200
[5.08]
.098
[2.50]
.256 [6.50]
.299 [7.60]
.197
[5.00]
.248 [6.30]
.100
[2.54]
.094
[2.40]
.248
[6.30]
.197
[5.00]
2.43
[61.70]
A - .100 [2.54] X No of Positions
B = .100 [2.54] X No of Spaces
A
B
.197
[5.00]
.236 [6.00]
.100
[2.54]
.531
[13.50]
.094
[2.40]
.100
[2.54]
.197
[5.00]
.055
[1.40]
.094
[2.40]
.100
[2.54]
.315
[8.00]
.197
[5.00]
.094
[2.40]
.100
[2.54]
.315
[8.00]
.197
[5.00]
.055
[1.40]
.055 [1.40]
.100
[2.54]
.095
[2.40]
.177
[4.50]
.197
[5.00]
.100
[2.54]
.095
[2.40]
.236
[6.00]
.197
[5.00]
.100
[2.54]
.256
[6.50]
.095
[2.40]
.197
[5.00]
.098
[2.50
.216
[5.50
.216
[5.50
.098
[2.50
.078
[2.00
.118
[3.00]
.118
[3.00]
MSA
.100"
MSB
.100"
MSC
.100"
MSDA
.100"
MSDB
.100"
MSBH
.100"
MSBG
.100"
GANGED
BLOCK
MST
.100"
10 pc.
STRIP
MSE
3P JUMPER
HMSA
.050"
HMSB
.050"


Similar Part No. - MSB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSB SCHURTER-MSB Datasheet
504Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
282Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
293Kb / 4P
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
logo
Veris. All Rights Reser...
MSB VERIS-MSB Datasheet
277Kb / 2P
Occupancy Sensors
logo
Volgen Kaga Electronics...
MSB-0505 VOLGEN-MSB-0505 Datasheet
244Kb / 3P
1 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

Similar Description - MSB

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
.100 IDC CARD EDGE .100 [2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSBG ADAM-TECH-MSBG Datasheet
136Kb / 1P
MINI SHUNTS .050 & .100 [2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
.100 2.54 CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com