Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2104 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP2104
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2104 Datasheet(HTML) 2 Page - Supertex, Inc

  TP2104 Datasheet HTML 1Page - Supertex, Inc TP2104 Datasheet HTML 2Page - Supertex, Inc TP2104 Datasheet HTML 3Page - Supertex, Inc TP2104 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TP2104
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Switching Waveforms and Test Circuit
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ T
A = 25°C
°C/W
°C/W
SOT-23
-0.16A
-0.8A
0.36W
200
350
-0.16A
-0.8A
TO-92
-0.25A
-1.0A
0.74W
125
170
-0.25A
-1.0A
* I
D (continuous) is limited by max rated Tj.
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-40
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
-1.0
-2.0
V
VGS = VDS, ID = -1.0mA
∆VGS(th)
Change in V
GS(th) with Temperature
5.8
6.5
mV/°CVGS = VDS, ID = -1.0mA
IGSS
Gate Body Leakage
-1.0
-100
nA
VGS = ±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
-1
mA
V
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
I
D(ON)
ON-State Drain Current
-0.6
A
V
GS = -10V, VDS = -25V
RDS(ON)
10.0
Ω
VGS = -4.5V, ID = -50mA
6.0
Ω
VGS = -10V, ID = -0.5A
∆RDS(ON)
Change in R
DS(ON) with Temperature
0.55
1.0
%/°CVGS = -10V, ID = -0.5A
GFS
Forward Transconductance
150
200
m
VDS = -25V, ID = -0.5A
CISS
Input Capacitance
35
60
C
OSS
Common Source Output Capacitance
22
30
pF
CRSS
Reverse Transfer Capacitance
8
10
t
d(ON)
Turn-ON Delay Time
4
6
t
r
Rise Time
4
8
td(OFF)
Turn-OFF Delay Time
5
9
t
f
Fall Time
5
8
V
SD
Diode Forward Voltage Drop
-1.2
-2.0
V
V
GS = 0V, ISD = -0.5A
trr
Reverse Recovery Time
400
ns
VGS = 0V, ISD = -0.5A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Electrical Characteristics (@ 25°C unless otherwise specified)
Static Drain-to-Source
ON-State Resistance
VGS = 0V, VDS = -25V
f = 1 MHz
VDD = -25V
ns
I
D = -0.5A
RGEN = 25Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com