Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSAT Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MSAT
Description  MINI SHUNTS .050 & .100 [2.54] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MSAT Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MSAT Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
255
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
MSB
G
BODY STYLE/HEIGHT
MSA = Closed top, .256"
MSB = Open top, .236"
MSC = Open top, .177"
MSDA = Closed top, .315"
MSDB = Open top, .315"
MSBH = Handle-top, .531"
HMSA = .050" Mini Shunt
HMSB = .050" Mini Shunt
MSE = Closed top, 3 position
MST = 10 piece strip
MSBG = Ganged, block type
(Specify # of positions, 2 thru 10)
2.00mm Shunts - Pg. 249
PLATING
G = Gold plated
T = Tin plated
INTRODUCTION:
Adam Tech MS Series Mini Shunts are available in .050", 2.0mm,
.100" and .200" centerlines. They quickly and easily jump individual
or strip pin headers to perform manual programming on PCB’s. This
series offers a broad range of sizes, shapes and colors. Shunts are
designed with detents at top for easy fingertip installation and
removal. Options include integrated pull tabs and gang types which
are molded in one piece. This series is extremely low cost and is a
highly economical, cost effective solution to replacing PCB switches.
Adam Tech’s shunts are available in Gold or Tin plating.
FEATURES:
Electrically connects two pin header posts
Wide variety of bodies and styles to choose from
Superior insulator design provides easy Fingertip extraction
Pull Tab and Ganged options available
Choice of Gold or Tin-plated contact area
Side and end stackable
MATING OPTIONS:
Mates with .025" sq. pin headers on .100" centers and all industry
standard pin headers with .025" square post on .100" [2.54mm]
centerlines.
SPECIFICATIONS:
Material:
Insulator: PBT, rated UL94V-0
Insulator Color: Black
Contacts: Phosphor Bronze
Contact Plating:
G = Gold flash (30u” optional) over nickel underplate overall
T = Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 3 Amps max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 1.57 lbs max.
Withdrawal force: .65 lbs min
Mating durability: 50 Cycles Gold
20 Cycles Tin
Temperature Rating:
Operating temperature: -55°C to +105°C
PACKAGING:
Anti-ESD plastic bags
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
MINI SHUNTS
.050" & .100" [2.54] CENTERLINE
MS SERIES
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
STANDARD INSULATOR COLOR IS BLACK
Other insulator colors available
Add designator(s) to end of part number
R = Red *
B = Blue *
W = White *
Y = Yellow *
G = Green *
* Minimum order required
ORDERING INFORMATION
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MSAT

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
MSATA-A1 APACER-MSATA-A1 Datasheet
1Mb / 4P
mSATA A1 modular SSD
MSATA-A1-M APACER-MSATA-A1-M Datasheet
947Kb / 4P
mSATA A1-M modular SSD
MSATA-MINI-H1 APACER-MSATA-MINI-H1 Datasheet
1Mb / 4P
SATA3.0 SSDs: the mSATA mini H1
MSATA-MINI-H1-M APACER-MSATA-MINI-H1-M Datasheet
1Mb / 4P
slim industrial SATA3.0 SSDs
logo
Advantech Co., Ltd.
MSATA630 ADVANTECH-MSATA630 Datasheet
866Kb / 25P
Support SATA 1.5/3.0/6.0 Gbps interface
More results

Similar Description - MSAT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
.100 IDC CARD EDGE .100 [2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
PH2-10-SGA ADAM-TECH-PH2-10-SGA Datasheet
623Kb / 5P
100 2.54 CENTERLINE PH SERIES
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
.100 2.54 CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com