Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA-2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # PCA-2
Description  ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

PCA-2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  PCA-2 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
199
ZIF FLEX CIRCUIT CONNECTOR
.039" [1.00] &.049" [1.25] CENTERLINE
PCA SERIES
.197
[5.00]
C
B
.049 [1.25]
.086 [2.20]
.394 [10.00]
.197
[5.00]
.138
[3.50]
.197
[5.00]
.090
[2.30]
.394 [10.00]
.049
[1.25]
.096 [2.45]
.138
[3.50]
.090
[2.30]
.020
[0.50]
C
B
C = A + .303 [7.70]
B = A + .106 [2.70]
A = .049 [1.25] X No. of Spaces
A = .049 [1.25] X No. of Spaces
C = A + .303 [7.70]
B = A + .106 [2.70]
.079 [2.00]
.098
[2.50]
.049 [1.25]
ø.031
[ ø0.80]
RECOMENDED PCB LAYOUT
.098
[2.50]
.049
[1.25]
.197 [5.00]
ø
[
ø
.031
0.80]
A
.039
[1.00]
.086
[2.20]
.114 [2.90]
.106 [2.70]
.063 [1.60]
.295
[7.50]
A = .039 [1.00] X No. of Spaces
C = A + .280 [7.10]
B = A + .090 [2.30]
A
.086
[2.20]
.039 [1.00]
.024 [0.60]
.06 [1.50]
.039
[1.00]
A
.138 [3.50]
.012 [.30]
B
.181
[4.60]
.039
[1.00]
.024 [0.60]
.177 [4.50]
.118 [3.00]
C
RECOMENDED PCB LAYOUT
.142
[3.60]
A
C
B
A = .039 [1.00] X No. of Spaces
B = A + .090 [2.30]
C = A + .280 [7.10]
A
A
PCA-2
.039" (1.00) TOP ENTRY SMT
PCA-1
.049" (1.25) SIDE ENTRY THRU HOLE
PCA-1
.049" (1.25) TOP ENTRY THRU HOLE
PCA-2
.039" (1.00) SIDE ENTRY SMT
Recommended PCB Layout
Recommended PCB Layout
Recommended PCB Layout
PCA-2-10-HU-3
PCA-2-18-V-3
PCA-1-08-V-3-20
PCA-1-10-HU-3-50
Recommended PCB Layout
Also Available in 1.2mm
& 1.5mm Body heights


Similar Part No. - PCA-2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA-2-XX-HU-3 ADAM-TECH-PCA-2-XX-HU-3 Datasheet
108Kb / 1P
909 Rahway Avenue
PCA-2-XX-V-3 ADAM-TECH-PCA-2-XX-V-3 Datasheet
91Kb / 1P
909 Rahway Avenue
More results

Similar Description - PCA-2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA110V320 ADAM-TECH-PCA110V320 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
PCA-6 ADAM-TECH-PCA-6 Datasheet
117Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
logo
Molex Electronics Ltd.
0520453445 MOLEX7-0520453445 Datasheet
138Kb / 3P
1.25mm (.049") Vertical, Non-ZIF Receptacle, 34 Circuits
0520451945 MOLEX7-0520451945 Datasheet
138Kb / 3P
1.25mm (.049") Vertical, Non-ZIF Receptacle, 19 Circuits
0520452945 MOLEX7-0520452945 Datasheet
138Kb / 3P
1.25mm (.049") Vertical, Non-ZIF Receptacle, 29 Circuits
0520441045 MOLEX7-0520441045 Datasheet
138Kb / 3P
1.25mm (.049") Right Angle, Non-ZIF, Top Contact Style Receptacle, 10 Circuit
0520453245 MOLEX7-0520453245 Datasheet
138Kb / 3P
1.25mm (.049") Vertical, Non-ZIF Receptacle, 32 Circuits
0520451445 MOLEX7-0520451445 Datasheet
138Kb / 3P
1.25mm (.049") Vertical, Non-ZIF Receptacle, 14 Circuits
logo
Cvilux Corporation
CF25XX1D0X0-10-NH CVILUX-CF25XX1D0X0-10-NH Datasheet
201Kb / 2P
1.00mm(.039) ZIF FFC/FPC ONE-TOUCH CONNECTOR
22-08-2
CF50XXXD0XX-10-NH CVILUX-CF50XXXD0XX-10-NH Datasheet
785Kb / 3P
1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com