Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2510 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP2510
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2510 Datasheet(HTML) 2 Page - Supertex, Inc

  TP2510 Datasheet HTML 1Page - Supertex, Inc TP2510 Datasheet HTML 2Page - Supertex, Inc TP2510 Datasheet HTML 3Page - Supertex, Inc TP2510 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TP2510
Thermal Characteristics
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR*IDRM
@ T
A = 25°C
°C/W
°C/W
TO-243AA
-480mA
-2.5A
1.6W†
15
78†
-480mA
-2.5A
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
-100
V
VGS = 0V, ID = -2.0mA
VGS(th)
Gate Threshold Voltage
-1.0
-2.4
V
VGS = VDS, ID= -1.0mA
∆VGS(th)
Change in VGS(th) with Temperature
5.0
mV/°CVGS = VDS, ID= -1.0mA
I
GSS
Gate Body Leakage
-100
nA
V
GS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
-1.0
mA
VGS = 0V, VDS = 0.8 Max Rating
TA = 125°C
ID(ON)
ON-State Drain Current
-0.4
-0.6
VGS = -5.0V, VDS = -25V
-1.5
-2.5
V
GS = -10V, VDS = -25V
RDS(ON)
5.0
7.0
VGS = -5.0V, ID = -250mA
2.0
3.5
VGS = -10V, ID = -0.75A
∆RDS(ON)
Change in R
DS(ON) with Temperature
1.7
%/°CVGS = -10V, ID = -0.75A
GFS
Forward Transconductance
300
360
m
VDS = -25V, ID = -0.75A
C
ISS
Input Capacitance
80
125
C
OSS
Common Source Output Capacitance
40
70
pF
CRSS
Reverse Transfer Capacitance
10
25
t
d(ON)
Turn-ON Delay Time
10
t
r
Rise Time
15
td(OFF)
Turn-OFF Delay Time
20
t
f
Fall Time
15
V
SD
Diode Forward Voltage Drop
-1.8
V
V
GS = 0V, ISD = -1.0A
trr
Reverse Recovery Time
300
ns
VGS = 0V, ISD = -1.0A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
Ω
Electrical Characteristics (@ 25°C unless otherwise specified)
Drain-to-Source
Breakdown Voltage
Static Drain-to-Source
ON-State Resistance
V
DD = -25V,
ns
I
D = -1.0A,
R
GEN = 25Ω
VGS = 0V, VDS = -25V
f = 1.0 MHz
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Switching Waveforms and Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com