Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCBA10T Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # PCBA10T
Description  LIF FLEX CIRCUIT CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

PCBA10T Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  PCBA10T Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
194
INTRODUCTION:
Adam Tech Dual Port D-Sub Connectors provide the means to
increase I/O without utilizing added PC board space.
They are
available with three stacked heights, four mounting and grounding
options and a variety of size and gender combinations. Our design
conforms to all applicable requirements of MIL-C-24308 D, ISO
2110, EIA standards RS232, RS442, RS449 and IEC 48-B-106
standards. Our low profile metal shell provides long-term cycle life
and EMI/ESD reductions which meet FCC Part 15, Subpart J
emission limits.
FEATURES:
¨ Maximizes available board space
¨ Three height options, custom designs welcome
¨ Four board mounting and grounding options
¨ Automated assembly for consistent quality and lower cost
MATING OPTIONS:
Mates with Adam Tech D-Sub Series: DPD, DSD, DPF, DSF and all
industry standard D-Subminiature connectors
SPECIFICATIONS:
Material:
Shell: Steel, tin-plated
Insulator: Polybutylene Terephthalate (PBT), glass reinforced
thermoplastic, rated UL 94V-O
Insulator color: Black
Contacts: Plug - Brass; Socket - Phosphor Bronze
Grounding bracket: Steel, nickel-plated
Rivet insert: Brass, nickel-plated
Plating:
5 µin gold nom. (optional 30 µin) to MIL-G-45204, Type II, Grade C
on contact area over 50 µin nickel underplate to QQ-N-290, Class 2,
Grade C, gold flash on solder tails
Electrical:
Operation voltage: 600 VDC max
Current rating: 5 Amps max
Contact resistance: 20 m
Ω max
Insulation resistance: 5000 M
Ω min @ 1000 VDC between adjacent
contacts (75°F and 55% R.H.)
Dielectric withstanding voltage: 1000 VAC rms (sea level)
Capacitance: 2 pF max between adjacent contacts
Mechanical:
Insertion force: 10 ozs. max with .041" dia. pin
Withdrawal force: 7.1 ozs. min with .039" dia. pin
Environmental:
Operating temperature: -65°C to +125°C
ACCESSORIES:
Dustcovers, hardware. Page 69
PACKAGING:
Anti-static plastic trays
APPROVALS AND CERTIFICATIONS:
Recognized under the component program of Underwriters
Laboratories, Inc. No. E224053 Certified by Canadian
Standards Association
®
®
V
D E
UL
®
INTRODUCTION:
Adam Tech PCB Series Flexible Printed Circuit (FPC) and Flexible
Flat Cable (FFC) connectors are a LIF (low insertion force) design
that provides a low cost, fast, easy and reliable connection of flexible
printed circuits to a PCB.
Adam Tech’s special contact design
preserves conductor integrity while producing a stable, high pressure
connection. This series includes single and dual row versions in
.039", .049" and .100" centerlines with vertical or horizontal
orientations.
FEATURES:
Superior contact design protects conductors
High pressure contacts
Single or dual row versions
Choice of .039", .049" and .100" centerlines
MATING FPC & FFC CABLE:
Mates with flat flexible cable and flexible printed circuits with
thickness of 0.3mm
Specifications:
Material:
Standard insulator: PBT, Glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator color: Black
Contacts: Phosphor Bronze
Contact Plating:
Tin over copper underplate
Electrical:
Operating voltage: 100V AC max.
Current rating:
.039" Spacing: 0.5 Amp max.
.049" Spacing: 1 Amp max
.100" Spacing: 3 Amps max
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion Force: 5 oz max
Withdrawal Force: 3 oz min
Temperature Rating:
Operating temperature: -40°C to +85°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic tubes or trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
LIF FLEX CIRCUIT CONNECTOR
.100" [2.54] CENTERLINE
.049" [1.25] CENTERLINE
.039" [1.00] CENTERLINE
PCB SERIES
ORDERING INFORMATION
TYPE
A = .100” centerline
in-line footprint
B = .049” centerline
staggered footprint
C = .039" centerline
staggered footprint
PCB
A
10
T
SERIES
INDICATOR
PCB = LIF Flex
Circuit
Connector
POSITIONS
02 thru 21
ENTRY ANGLE
T
= Top entry
SA = Side entry
SB = Reverse side entry
(.100" centerline only)
ROW SPACING
Blank = Single Row
20 = 2.00mm PCB
Row Spacing
(Type C)
25 = 2.5mm PCB
Row Spacing
(Type B)
SMT = Surface Mount
(Type B, C)
20
OPTIONS
Add designator(s) to end of part number
HT= Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - PCBA10T

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
PCBA-1081 BIVAR-PCBA-1081 Datasheet
165Kb / 2P
IP67 Rated Panel Mount Indicator
04/12/12
PCBA-1081 BIVAR-PCBA-1081 Datasheet
169Kb / 2P
IP67 Rated Panel Mount Indicator w/ Wire
04/12/12
logo
PANDUIT CORP.
PCBANDBL-Q PANDUIT-PCBANDBL-Q Datasheet
194Kb / 1P
Thermal Transfer Marker Plates
PCBANDBU-Q PANDUIT-PCBANDBU-Q Datasheet
194Kb / 1P
Thermal Transfer Marker Plates
PCBANDEI-Q PANDUIT-PCBANDEI-Q Datasheet
194Kb / 1P
Thermal Transfer Marker Plates
More results

Similar Description - PCBA10T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA110V320 ADAM-TECH-PCA110V320 Datasheet
129Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
PCA-6 ADAM-TECH-PCA-6 Datasheet
117Kb / 1P
ZIF FLEX CIRCUIT CONNECTOR
PCB-B-18-T-25 ADAM-TECH-PCB-B-18-T-25 Datasheet
122Kb / 1P
LIF FLEX CIRCUIT CONNECTOR
PCB-C-09-T-SMT ADAM-TECH-PCB-C-09-T-SMT Datasheet
130Kb / 1P
LIF FLEX CIRCUIT CONNECTOR
logo
Tyco Electronics
353670 MACOM-353670 Datasheet
57Kb / 1P
111P LIF CONN FRAME ASSY
logo
AVX Corporation
04-6232-106-103-800 AVX-04-6232-106-103-800 Datasheet
509Kb / 6P
1.0mm Pitch LIF RA SMT
logo
Wurth Elektronik GmbH &...
686112188822 WURTH-686112188822 Datasheet
542Kb / 7P
WR-FPC SMT LIF Vertical Type A
001.004
686122188822 WURTH-686122188822 Datasheet
539Kb / 7P
WR-FPC SMT LIF Vertical Type A
001.004
686128188822 WURTH-686128188822 Datasheet
539Kb / 7P
WR-FPC SMT LIF Vertical Type A
001.004
686130188822 WURTH-686130188822 Datasheet
539Kb / 7P
WR-FPC SMT LIF Vertical Type A
001.004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com