Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDB10 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # PCDB10
Description  .100&.156 RECEPTACLE WITH BOARD HOOKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

PCDB10 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  PCDB10 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
312
INTRODUCTION:
Adam Tech Dual Port D-Sub Connectors provide the means to
increase I/O without utilizing added PC board space.
They are
available with three stacked heights, four mounting and grounding
options and a variety of size and gender combinations. Our design
conforms to all applicable requirements of MIL-C-24308 D, ISO
2110, EIA standards RS232, RS442, RS449 and IEC 48-B-106
standards. Our low profile metal shell provides long-term cycle life
and EMI/ESD reductions which meet FCC Part 15, Subpart J
emission limits.
FEATURES:
¨ Maximizes available board space
¨ Three height options, custom designs welcome
¨ Four board mounting and grounding options
¨ Automated assembly for consistent quality and lower cost
MATING OPTIONS:
Mates with Adam Tech D-Sub Series: DPD, DSD, DPF, DSF and all
industry standard D-Subminiature connectors
SPECIFICATIONS:
Material:
Shell: Steel, tin-plated
Insulator: Polybutylene Terephthalate (PBT), glass reinforced
thermoplastic, rated UL 94V-O
Insulator color: Black
Contacts: Plug - Brass; Socket - Phosphor Bronze
Grounding bracket: Steel, nickel-plated
Rivet insert: Brass, nickel-plated
Plating:
5 µin gold nom. (optional 30 µin) to MIL-G-45204, Type II, Grade C
on contact area over 50 µin nickel underplate to QQ-N-290, Class 2,
Grade C, gold flash on solder tails
Electrical:
Operation voltage: 600 VDC max
Current rating: 5 Amps max
Contact resistance: 20 m
Ω max
Insulation resistance: 5000 M
Ω min @ 1000 VDC between adjacent
contacts (75°F and 55% R.H.)
Dielectric withstanding voltage: 1000 VAC rms (sea level)
Capacitance: 2 pF max between adjacent contacts
Mechanical:
Insertion force: 10 ozs. max with .041" dia. pin
Withdrawal force: 7.1 ozs. min with .039" dia. pin
Environmental:
Operating temperature: -65°C to +125°C
ACCESSORIES:
Dustcovers, hardware. Page 69
PACKAGING:
Anti-static plastic trays
APPROVALS AND CERTIFICATIONS:
Recognized under the component program of Underwriters
Laboratories, Inc. No. E224053 Certified by Canadian
Standards Association
ORDERING INFORMATION
INTRODUCTION:
Adam Tech PCE Series are PCB mounted sockets that have integral
PC Board hooks which offer the option to use the hooks to wrap
around the edge of the PCB for added stability. They are made with
three mounting and mating configurations which include Top, Bottom
& Side entry. Offered in pitches of .100" & .156" they contain a high
reliability contact system that offers superior connectivity through a
set of long, wide, precision stamped contacts which provide ample
contact pressure with a smooth wiping action.
FEATURES:
.100" & .156" Centerlines
Hooks for stability to PCB
High normal force contacts
Low insertion force
Three mounting orientation options
MATING HEADERS:
Adam Tech PH & LHB headers and all industry standard .100" and
.156" pitch pin headers with a .025" or .045" square or round pins
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-0
Insulator Color: Natural
Contacts: Phosphor Bronze
Contact Plating:
Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: .100 pitch: 3 Amp max.
.156 pitch: 7 Amps max.
Contact resistance: 10 m
Ω max. Initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 1500V AC for 1 minute
Mechanical:
Insertion force: 0.375 lbs max
Withdrawal force: 0.187 lbs min.
Recommended PCB Thickness: 0.063” (1.6mm]
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
.100"& .156" RECEPTACLE
WITH BOARD HOOKS
.100" & .156" CENTERLINE
PCE SERIES
PCE
A
10
SERIES INDICATOR
PCE = .100" PCB
Connector
with board hooks
PCD = .156" PCB
Connector with
board hooks
ENTRY ANGLE
A = Top entry
B = Side entry
C = Bottom entry
POSITIONS
02 thru 20
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - PCDB10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PCDB10120G1 PANJIT-PCDB10120G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 3,2021 PCDB10120G1-REV.00
PCDB1065G1 PANJIT-PCDB1065G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 3,2021 PCDB1065G1-REV.00
More results

Similar Description - PCDB10

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTDA07B1 ADAM-TECH-MTDA07B1 Datasheet
114Kb / 1P
HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
MTD-A-04-D-1 ADAM-TECH-MTD-A-04-D-1 Datasheet
120Kb / 1P
HOUSING WITH IDC CONTACT .100 & .156 CENTERLINE
PCD-A-05 ADAM-TECH-PCD-A-05 Datasheet
94Kb / 1P
.156 RECEPTACLE WITH BOARD HOOKS
PCE-A-05 ADAM-TECH-PCE-A-05 Datasheet
116Kb / 1P
.100 RECEPTACLE WITH BOARD HOOKS
logo
Molex Electronics Ltd.
0022022165 MOLEX2-0022022165 Datasheet
629Kb / 17P
2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 16 Circuits, With Hooks
0022022025 MOLEX2-0022022025 Datasheet
129Kb / 3P
2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 2 Circuits, With Hooks
0022022045 MOLEX2-0022022045 Datasheet
629Kb / 17P
2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 4 Circuits, With Hooks
0026011108 MOLEX3-0026011108 Datasheet
317Kb / 4P
3.96mm (.156") Pitch Board-to-Board Receptacle, Bottom Entry, 10 Circuits
0026011098 MOLEX3-0026011098 Datasheet
317Kb / 4P
3.96mm (.156") Pitch Board-to-Board Receptacle, Bottom Entry, 9 Circuits
logo
Tyco Electronics
770476-2 MACOM-770476-2 Datasheet
77Kb / 1P
RECEPTACLE, SL-156
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com