Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2540N3 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP2540N3
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2540N3 Datasheet(HTML) 2 Page - Supertex, Inc

  TP2540N3 Datasheet HTML 1Page - Supertex, Inc TP2540N3 Datasheet HTML 2Page - Supertex, Inc TP2540N3 Datasheet HTML 3Page - Supertex, Inc TP2540N3 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TP2535/TP2540
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
TP2540
-400
TP2535
-350
V
GS(th)
Gate Threshold Voltage
-1.0
-2.4
V
V
GS = VDS, ID = -1mA
∆VGS(th)
Change in V
GS(th) with Temperature
4.8
mV/°CVGS = VDS, ID = -1mA
I
GSS
Gate Body Leakage
-100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
-10
µAVGS = 0V, VDS = Max Rating
V
GS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
I
D(ON)
ON-State Drain Current
-0.2
-0.3
A
V
GS = -4.5V, VDS = -25V
-0.4
-1.1
V
GS = -10V, VDS = -25V
R
DS(ON)
Static Drain-to-Source
20
30
Ω
V
GS = -4.5V, ID = -100mA
ON-State Resistance
19
25
V
GS = -10V, ID = -100mA
∆RDS(ON)
Change in R
DS(ON) with Temperature
0.75
%/°CVGS = -10V, ID = -100mA
G
FS
Forward Transconductance
100
175
m
V
DS = -25V, ID = -100mA
C
ISS
Input Capacitance
60
125
C
OSS
Common Source Output Capacitance
20
70
pF
C
RSS
Reverse Transfer Capacitance
10
25
t
d(ON)
Turn-ON Delay Time
10
t
r
Rise Time
10
t
d(OFF)
Turn-OFF Delay Time
20
t
f
Fall Time
13
V
SD
Diode Forward Voltage Drop
-1.8
V
V
GS = 0V, ISD = -100mA
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = -100mA
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
Thermal Characteristics
VV
GS = 0V, ID = -2mA
-1.0
mA
Electrical Characteristics (@ 25°C unless otherwise specified)
ns
VGS = 0V, VDS = -25V
f = 1 MHz
VDD = -25V
ID = -0.4A
R
GEN = 25Ω
Switching Waveforms and Test Circuit
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ T
A = 25°C
°C/W
°C/W
TO-92
-86mA
-0.6A
0.74W
125
170
-86mA
-0.6A
TO-243AA
-125mA
-1.2A
1.6W†
15
78†
-125mA
-1.2A
* I
D
(continuous) is limited by max rated T
j
.
† Mounted on FR5 Board, 25mm x 25mm x 1.57mm. Signficant P
D
increase possible on ceramic substrate.
Drain-to-Source
Breakdown Voltage
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com