Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2640ND Datasheet(PDF) 2 Page - Supertex, Inc

Part # TP2640ND
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640ND Datasheet(HTML) 2 Page - Supertex, Inc

  TP2640ND Datasheet HTML 1Page - Supertex, Inc TP2640ND Datasheet HTML 2Page - Supertex, Inc TP2640ND Datasheet HTML 3Page - Supertex, Inc TP2640ND Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TP2635/TP2640
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR*IDRM
@ T
C = 25°C
°C/W
°C/W
SO-8
-210mA
-1.25A
1.3W†
24
96†
-210mA
-1.25A
TO-92
-180mA
-0.8A
1.0W
125
170
-180mA
-0.8A
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
TP2640
-400
V
V
GS = 0V, ID = -2.0mA
TP2635
-350
VGS(th)
Gate Threshold Voltage
-0.8
-2.0
V
VGS = VDS, ID= -1.0mA
∆VGS(th)
Change in V
GS(th) with Temperature
5.0
mV/°CVGS = VDS, ID= -1.0mA
IGSS
Gate Body Leakage
-100
nA
VGS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
-1
µAVGS = 0V, VDS = -100V
-10
µAVGS = 0V, VDS = Max Rating
-1
mA
VGS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
0.7
VGS = -10V, VDS = -25V
RDS(ON)
12
15
VGS = -2.5V, ID = -20mA
11
15
V
GS = -4.5V, ID = -150mA
11
15
VGS = -10V, ID = -300mA
∆RDS(ON)
Change in R
DS(ON) with Temperature
0.75
%/°CVGS = -10V, ID = -300mA
G
FS
Forward Transconductance
200
m
V
DS = -25V, ID = -300mA
CISS
Input Capacitance
300
C
OSS
Common Source Output Capacitance
50
pF
C
RSS
Reverse Transfer Capacitance
12
td(ON)
Turn-ON Delay Time
10
t
r
Rise Time
15
t
d(OFF)
Turn-OFF Delay Time
60
tf
Fall Time
40
V
SD
Diode Forward Voltage Drop
-1.8
V
V
GS = 0V, ISD = -200mA
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = -200mA
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
Ω
Electrical Characteristics (@ 25°C unless otherwise specified)
Drain-to-Source
Breakdown Voltage
V
GS = 0V, VDS = -25V
f = 1 MHz
V
DD = -25V,
ID = -300mA,
RGEN = 25Ω
ns
Static Drain-to-Source
ON-State Resistance
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
Switching Waveforms and Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com