Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHR64HTAL Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MHR64HTAL
Description  .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MHR64HTAL Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MHR64HTAL Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
262
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
INTRODUCTION:
Adam Tech MHR Series .100" Latch Headers are dual row, PCB
mounted, shrouded headers with latches for use with dual row
IDC female socket connectors. In addition to providing a shock
and vibration proof connection the locking latches also act as
ejectors to remove the mating socket. Our low profile, space
saving design has a center slot for the socket’s polarization bump.
Adam Tech’s Latch Headers are available in Straight PCB Mount,
Right Angle PCB and SMT Mounting. Plating options include
choice of Gold, Tin or Selective Gold
FEATURES:
Integral Latches provide Shock and Vibration Proof connection
Slot for IDC socket Polarization bump
Straight PCB, Right Angle PCB and SMT versions
Gold, Tin or Selective Gold plating
Elevated option available
Hi-Temp insulator available
MATING SOCKETS:
.100" X .100" Dual row IDC sockets
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforeced, rated UL94V-0
Insulator Color: Black (Gray optional)
Contacts: Brass
Plating:
U = Gold flash (30u” optional) over nickel underplate overall
SG = Gold flash (30u” optional) over nickel on contact area,
Tin over copper underplate on tails.
T = Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 3 Amps max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Mating durability: 500 Cycles min.
Temperature Rating:
Operating temperature: -55°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
.100" LATCH HEADER
.100" X .100" [2.54 X 2.54] CENTERLINE
MHR SERIES
OPTIONS:
Add designator(s) to end of part number
GY = Gray color insulator
HT = High-temp insulator for high-temp soldering processes
ORDERING INFORMATION
MHR
40
V
U
A
L
SERIES
INDICATOR
MHR = .100"
Shrouded
Header
with
Latches
POSITIONS
10, 14, 16, 20,
24, 26, 30, 34,
40, 50, 60, 64
PIN LENGTHS
A = Standard length
solder tail
B = Special length,
customer specified
LATCHING
FEATURES
S = Short
latches
(for sockets
w/o strain
relief)
L = Long
latches
(for sockets
w/strain
relief)
N = No latches
MOUNTING ANGLE
V = Straight Mount
H = Right Angle Mount
CONTACT PLATING
U = Gold plated
SG = Gold plating in
contact area, Tin
plated solder tails
T = Tin plated
This series is availabe in an
elevated version similar to
our BHRE Series as shown
on pgs. 260-261
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MHR64HTAL

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MHR64FAJ MTRONPTI-MHR64FAJ Datasheet
259Kb / 1P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHR64FAJ MTRONPTI-MHR64FAJ Datasheet
290Kb / 2P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHR64FAJ-R MTRONPTI-MHR64FAJ-R Datasheet
259Kb / 1P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHR64FAJ-R MTRONPTI-MHR64FAJ-R Datasheet
290Kb / 2P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MHR64FAJ-R MTRONPTI-MHR64FAJ-R Datasheet
404Kb / 2P
9x14 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
More results

Similar Description - MHR64HTAL

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-34-VUA-LL ADAM-TECH-BHR-34-VUA-LL Datasheet
116Kb / 1P
.100 BOX HEADER W/LATCHES .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
.100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHF34SGL ADAM-TECH-MHF34SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF-34-SGL ADAM-TECH-MHF-34-SGL Datasheet
105Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
.100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com