Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR_OUTPUT Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DR_OUTPUT
Description  I/O Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR_OUTPUT Datasheet(HTML) 1 Page - Crydom Inc.,

  DR_OUTPUT Datasheet HTML 1Page - Crydom Inc., DR_OUTPUT Datasheet HTML 2Page - Crydom Inc., DR_OUTPUT Datasheet HTML 3Page - Crydom Inc., DR_OUTPUT Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DR OUTPUT MODULES
• DIN-Rail Mountable Single Point Output Modules (35mm DIN)
• Plug into mounting boards for 0.6" modules
• Zero Voltage Turn-On for AC Modules
• 4kV Optical isolation with LED Indicator
• UL Recognized, CSA Certified, CE Compliant
• Industry standard Color Coding Black (AC Output) Red (DC Output)
• Barrier Strips Accept 14 to 28 AWG Wire.
SPECIFICATIONS (1)
Input
Part Number
DR-OAC
DR-ODC5
DR-ODC24
Nominal Voltage VDC
5-24
5.0
24.0
Minimum Voltage VDC
3.7
3.5
18.0
Maximum Voltage VDC
32
8.0
32.0
Drop-out Voltage
1.0
1.0
1.0
Maximum Current (2)
18
18
13
Resistance (3)
NA
250
2000
Output
Nominal Line Voltage
240 VAC
5-48 VDC
5-48 VDC
Minimum Line Voltage
12 VAC
3 VDC
3 VDC
Maximum Line Voltage
280 VAC
60 VDC
60 VDC
Max Off-State Voltage (4)
600 Vpeak
60 VDC
60 VDC
Max Off-State Leakage (5)
0.1mArms
10 uA
10 uA
Static Off-State dv/dt (6)
200 V/usec
N/A
N/A
Maximum Rated On-State Current (7)
5.0 Arms
3.0 A
3.0 A
Minimum On-State Current
50 mArms
10 mA
10 mA
Max Surge Current (8)
250 Apeak
5.0 A
5.0 A
On-State Voltage Drop or Resistance (9)
1.6 V
1.6 V
1.6 V
Horse POwer Rating (13)
1/2 H.P.
N/A
N/A
Maximum Turn-On Time [msec] (13)
8.33
0.1
0.1
Maximum Turn-Off Time [msec] (13)
8.33
0.75
0.75
Input/Output Isolation Voltage (14)
4000
4000
4000
Input/Output Capacitance
8
8
8
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
47 to 63
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
General Notes:
(1) Specifications apply to an ambient temperat ure of -30 to 80 ° C unless otherwise noted.
(2) At nominal input voltage, wit hout external LED status indicator.
(3) +/-10% at 25°C.
(4) Maximum 1 minute duration for O AC modules when applied as a DC v oltage rather than a peek AC voltage.
(5) At maximum line voltage, 25°C for OAC modules, and 80°C for OD C modules.
(6) Minimum DV/DT per EIA/NARM RS433, method RS397, DV/DT ratings do not apply to DC output models
(7) At 40°C, derate OAC modules 58 mA/°C to 80°C, derate ODC. O DCxMC and ODC xML modules 50 mA/°C
to 80°C. CSA rati ng of OAC modules is 3.0 Arms at 40°C.
(8) At 25°C for 1 second maxi mum duration: 1 AC cy cle for AC modules, 1 second for DC modules.
(9) At maximum rated on-s tate current and 25°C.
(10) At maximum line voltage, maximum rated output current, nominal input v oltage and 25°C. Switching speed
of O AC modules is based upon 60 Hz line f requency.
(11) At 25°C for 1 second maxi mum duration.
(12) 1/3 H.P. at 240 VAC, 1/8 H.P. at 120 VAC.
.
For Contact information visit our web
site.
www.crydom.com
©2008 Crydom, Inc.
Specifications subject to change without notice.


Similar Part No. - DR_OUTPUT

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR-OAC CRYDOM-DR-OAC Datasheet
553Kb / 4P
I/O Modules
logo
List of Unclassifed Man...
DR-OAC ETC2-DR-OAC Datasheet
552Kb / 4P
DIN-Rail Mountable Single Point Output Modules
logo
Sensata Technologies, I...
DR-OAC SENSATA-DR-OAC Datasheet
322Kb / 4P
I/O MODULE
logo
Crydom Inc.,
DR-OAC CRYDOM-DR-OAC_12 Datasheet
553Kb / 4P
I/O Modules
DR-ODC24 CRYDOM-DR-ODC24 Datasheet
553Kb / 4P
I/O Modules
More results

Similar Description - DR_OUTPUT

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com