Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKL Datasheet(PDF) 2 Page - Altech corporation

Part # AKL
Description  Polystyrene and Polycarbonate - 150x300mm (5.91x11.81in.)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

AKL Datasheet(HTML) 2 Page - Altech corporation

  AKL Datasheet HTML 1Page - Altech corporation AKL Datasheet HTML 2Page - Altech corporation AKL Datasheet HTML 3Page - Altech corporation AKL Datasheet HTML 4Page - Altech corporation AKL Datasheet HTML 5Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
77
AKL1 – Polystyrene and Polycarbonate – 150x300mm (5.91x11.81in.)
Standard Features
• Protection Level:
IP65
• Technical:
Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Combination Options
• Enclosure Material:
Polystyrene or Polycarbonate
• Transparent Cover
Material:
Polycarbonate
• Gasket Material:
Polyurethane
• Color:
Light Gray
• Temperature Range:
Polystyrene
-40˚C to 70˚C (-40˚F to 158˚F)
Polycarbonate
-35˚C to 120˚C (-31˚F to 248˚F)
• Included Accessories: (10) M20 Double Membrane Seals
(2) M25 Double Membrane Seals
(2) M32 Double Membrane Seals
(1) M40 Entry Spout
• Accessories:
See section below
94 mm (3.70 in.)
132 mm (5.20 in.)
150 mm (5.91 in.)
Please refer to page 126 for Knockout details.
AKL
Ordering
Cover
Dimensions mm (in)
Std.
Information
Cat. No.
Type / Color
Length
Width
Height
Pk.
Polystyrene
Enclosure - low cover
740-401
AKL 1-g / gray
150 mm (5.91 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Transparent - low cover
744-001
AKL 1-t / trans.
150 mm (5.91 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Polycarbonate
Enclosure - low cover
741-401
AKi 1-g / gray
150 mm (5.91 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Transparent - low cover
745-001
AKi 1-t / trans.
150 mm (5.91 in.)
300 mm (11.81 in.)
132 mm (5.20 in)
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate – 240 x 112 mm
795-001
MPI 1
1
DIN Rail – 216 mm Surface Mounted
562-035
SMTS35/216
1
Hinge Kit Set
190-005
HK2
1
Mounting Tab Kit (metal)
793-004
MT2
1
Please refer to pages 116-120 for additional accessories and detailed information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com