Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M_OUTPUT Datasheet(PDF) 1 Page - Crydom Inc.,

Part # M_OUTPUT
Description  I/O Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

M_OUTPUT Datasheet(HTML) 1 Page - Crydom Inc.,

  M_OUTPUT Datasheet HTML 1Page - Crydom Inc., M_OUTPUT Datasheet HTML 2Page - Crydom Inc., M_OUTPUT Datasheet HTML 3Page - Crydom Inc., M_OUTPUT Datasheet HTML 4Page - Crydom Inc., M_OUTPUT Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M SERIES OUTPUT MODULES
SPECIFICATIONS (1)
Input
Part Number
M-OAC5
M-OAC5A
M-OAC5AH
M-OAC5AR
M-OAC5R
Nominal Voltage VDC
5.0
5.0
5.0
5.0
5.0
Minimum Voltage VDC (2)
2.75
2.75
2.75
2.75
2.75
Maximum Voltage VDC
8.0
8.0
8.0
8.0
8.0
Drop-out Voltage
1.0
1.0
1.0
1.0
1.0
Maximum Current (3)
20
20
20
20
20
Resistance (4)
220
220
220
220
220
Output
Nominal Line Voltage
120 VAC
240 VAC
240 VAC
240 VAC
120 VAC
Minimum Line Voltage
12 VAC
24 VAC
24 VAC
24 VAC
12 VAC
Maximum Line Voltage
140 VAC
280 VAC
280 VAC
280 VAC
140 VAC
Max Off-State Voltage (5)
400 Vpeak
600 Vpeak
600 Vpeak
600 Vpeak
400 Vpeak
Max Off-State Leakage (6)
0.1mArms
0.1mArms
0.1mArms
0.1mArms
0.1mArms
Static Off-State dv/dt (7)
200 V/usec
200 V/usec
200 V/usec
200 V/usec
200 V/usec
Maximum Rated On-State Current (8)
3.5 Arms
3.5 Arms
5.0 Arms
3.5 Arms
3.5 Arms
Minimum On-State Current
50 mArms
50 mArms
50 mArms
50 mArms
50 mArms
Max Surge Current (9)
100 Apeak
100 Apeak
100 Apeak
100 Apeak
100 Apeak
On-State Voltage Drop or Resistance (10)
1.6 V
1.6 V
1.6 V
1.6 V
1.6 V
Maximum Turn-On Time [msec] (13)
8.33
8.33
8.33
0.1
0.1
Maximum Turn-Off Time [msec] (13)
8.33
8.33
8.33
8.33
8.33
Input/Output Isolation Voltage (14)
4000
4000
4000
4000
4000
Input/Output Capacitance
8
8
8
8
8
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
47 to 63
47 to 63
47 to 63
47 to 63
47 to 63
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)


Similar Part No. - M_OUTPUT

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
M O A2 CARLOGAVAZZI-M O A2 Datasheet
1Mb / 18P
Energy Management Smart Modular Power Analyzer
240914
M O O2 CARLOGAVAZZI-M O O2 Datasheet
1Mb / 18P
Energy Management Smart Modular Power Analyzer
240914
M O R2 CARLOGAVAZZI-M O R2 Datasheet
1Mb / 18P
Energy Management Smart Modular Power Analyzer
240914
M O V2 CARLOGAVAZZI-M O V2 Datasheet
1Mb / 18P
Energy Management Smart Modular Power Analyzer
240914
logo
Crydom Inc.,
M-OAC24 CRYDOM-M-OAC24 Datasheet
610Kb / 5P
I/O Modules
More results

Similar Description - M_OUTPUT

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
C4IAC CRYDOM-C4IAC_11 Datasheet
539Kb / 4P
I/O Modules
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com