Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMCT1012G Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # HMCT1012G
Description  SCREW MACHINE SOCKETS & TERMINAL STRIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HMCT1012G Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  HMCT1012G Datasheet HTML 1Page - Adam Technologies, Inc. HMCT1012G Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
183
SCREW MACHINE SOCKETS
& TERMINAL STRIPS
ICM SERIES
ICM-624-1-GT
1.40 [35.56]
1.60 [40.64]
32
28
.400 [10.16]
.700 [17.78]
.800 [20.32]
1.00 [25.40]
.900 [22.86]
14
16
20
18
8
POSITION
A
1.50 [38.10]
1.30 [33.02]
.900 [22.86]
.800 [20.32]
.700 [17.78]
.600 [15.24]
.300 [7.62]
B
.400 [10.16]
CD
.700 [17.78]
.100 [2.54]
.163 [4.15]
.100 [2.54]
.178
[4.52]
.118 [3.00]
.114 [2.91]
C
ø.020
[0.50]
ø .052 [1.32]
ø.017
[0.44]
C
.118 [3.00]
.118 [3.00]
ø.017
[0.44]
.470
[11.96]
6
.300 [7.62]
.200 [5.08]
.400 [10.16]
10
.500 [12.70]
1.90 [48.26]
40
2.00 [50.80]
2.40 [60.96]
50
2.50 [63.50]
52
1.10 [27.94]
1.20 [30.48]
24
1.00 [25.40]
1.10 [27.94]
22
2.60 [66.04]
52
2.50 [63.50]
1.00 [25.40]
2.50 [63.50]
50
2.40 [60.96]
2.60 [66.04]
2.50 [63.50]
.500 [12.70]
ROW SPACING
.900 [22.86]
.400 [10.16]
.600 [15.24]
.300 [7.62]
24
1.20 [30.48]
1.10 [27.94]
28
1.40 [35.56]
1.30 [33.02]
20
1.00 [25.40]
.900 [22.86]
24
28
32
1.20 [30.48]
1.40 [35.56]
1.60 [40.64]
1.10 [27.94]
1.30 [33.02]
1.50 [38.10]
36
1.80 [45.72]
1.70 [43.18]
42
2.10 [53.34]
1.90 [48.26]
48
2.40 [60.96]
2.30 [58.42]
ø.027 ~ .035
[0.70 ~ 0.90]
.162
[4.13]
.118
[3.00]
.292
[7.43]
A
B
B
D
D
D
B
A
MCT
1
04
SERIES INDICATOR
1MCT= .039 (1.00mm)
Screw machine
contact
terminal strip
HMCT= .050 (1.27mm)
Screw machine
contact
terminal strip
2MCT= .078 (2.00mm)
Screw machine
contact
terminal strip
MCT= .100 (2.54mm)
Screw machine
contact
terminal strip
BODY STYLE
1 = Single Row Straight
1R = Single Row Right Angle
2 = Dual Row Straight
2R = Dual Row Right Angle
POSITIONS
Single Row:
01 thru 40
Dual Row:
02 thru 80
TAIL LENGTH
1 = Standard Lengh
2 = Special Lengh,
customer specified
as tail length/
total length
GT
PLATING
G = Gold Flash overall
T = 100u" Tin overall
1
ORDERING INFORMATION
SCREW MACHINE TERMINAL STRIPS
TMC-624-1-GT
ICM SERIES
DUAL ROW
SOCKET
TMC SERIES
DUAL ROW
TERMINALS
Drawings Pg.184-185 Options Pg.182
Photos &



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com