Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38020 Datasheet(PDF) 2 Page - Altech corporation

Part # 38020
Description  ONE PHASE POWER DISTRIBUTION BLOCKS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

38020 Datasheet(HTML) 2 Page - Altech corporation

  38020 Datasheet HTML 1Page - Altech corporation 38020 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
38032
38032
160A
160A
600V AC
690V AC
11
8-2/0AWG
10-70mm2
35.5lb.-in.
4Nm
Hex 5
66
14-6 AWG
2.5-16mm2
17.5lb.-in.
2Nm
Hex 3
38076
Part Number:
Approvals
Current Rating
Voltage Rating
No. of Inputs
Wire Range
Torque
Screw Type
No. of Outputs
Wire Range
Torque
Screw Type
Dimensions:
38076
115A
125A
600V AC
690V AC
11
8-2 AWG
10-35mm2
53lb.-in.
6Nm
Hex 4
10
10
14-4 AWG
2.5-16mm2
26.5lb.-in.
3Nm
Hex 3
38074
38074
175A
175A
600V AC
690V AC
11
6-2/0AWG
16-70mm2
53lb.-in.
6Nm
Hex 5
10
10
14-4 AWG
2.5-16mm2
26.5lb.-in.
3Nm
Hex 3
CopperJumperBar
3803221
38032
17.4 mm
(0.69 in)
17.4 mm
(0.69 in)
17.4 mm
(0.69 in)
17.4 mm
(0.69 in)
17.4 mm
(0.69 in)
17.4 mm
(0.69 in)
ULFileE98082
ULFileE98082
ULFileE98082
Accessories: Copper Jumper Bar
(6x15 mm)
Part No:
3803221 for 2 Blocks
3803231 for 3 Blocks
3803241 for 4 Blocks
can be cut
AltechCorp.®•t908-806-9400•f908-806-9490•www.altechcorp.com
27
SCCR: 100kA
SCCR: 100kA
SCCR: 100kA
38032



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com