Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012E13 Datasheet(PDF) 1 Page - Altech corporation

Part # 2012E13
Description  22 mm Aluminum Enclosure 2007E13 and 2012E13
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2012E13 Datasheet(HTML) 1 Page - Altech corporation

  2012E13 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/6/2007
11/6/2007
Philipp Ernstberger
11/6/2007
22 mm Aluminum Enclosure 2007E13 (cable entry thread size:
2xM20) and 2012E13 (cable entry thread size: 2x1/2"-14 NPT)
1PB-2007E13
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2007E13
rev
-
ch.no.
-
description
original design
date
revised by
11/6/2007
Philipp E.
80.00 mm
[3.1 in]
52.00 mm
[2.0 in]


Similar Part No. - 2012E13

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
2012E YIC-2012E Datasheet
198Kb / 1P
2012E,2012ES,1610E Series: Tuning Fork SMD Quartz Crystal
2012ES YIC-2012ES Datasheet
198Kb / 1P
2012E,2012ES,1610E Series: Tuning Fork SMD Quartz Crystal
More results

Similar Description - 2012E13

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2011C13 ALTECH-2011C13 Datasheet
232Kb / 1P
22 mm Aluminum Enclosure 2011C13 and 2015C13
2010G13 ALTECH-2010G13 Datasheet
211Kb / 1P
22 mm Aluminum Enclosure 2010G13 and 2008G13
2009A13 ALTECH-2009A13 Datasheet
226Kb / 1P
22 mm Aluminum Gravity Die Cast Enclosure 2009A13 and 2016A13
2006C13 ALTECH-2006C13 Datasheet
262Kb / 1P
22 mm Aluminum Enclosure 2006C13 and 2014C13
2005G13 ALTECH-2005G13 Datasheet
231Kb / 1P
22 mm Aluminum Enclosure Gravity Die Cast 2005G13 and 2009G13
2005A13 ALTECH-2005A13 Datasheet
231Kb / 1P
22 mm Aluminum Enclosure 2005A13 and 2015A13
1005E13 ALTECH-1005E13 Datasheet
260Kb / 1P
30 mm Aluminum Gravity Die Cast Enclosure 1005E13 and 1007E13
1004C13 ALTECH-1004C13 Datasheet
242Kb / 1P
30 mm Aluminum Enclosure 1004C13 and 1006C13
P2AM4 ALTECH-P2AM4 Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
logo
Bel Fuse Inc.
LDW480 BEL-LDW480 Datasheet
569Kb / 4P
Only 73 mm width aluminum enclosure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com