Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALF5-024 Datasheet(PDF) 1 Page - Altech corporation

Part # ALF5-024
Description  30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ALF5-024 Datasheet(HTML) 1 Page - Altech corporation

  ALF5-024 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
ALF1-yyy or ALF1LB-yyy White
1
1
ALF3-yyy or ALF3LB-yyy Green
1
1
ALF4-yyy or ALF4LB-yyy Red
1
1
ALF5-yyy or ALF5LB-yyy Amber
1
1
ALF6-yyy or ALF6LB-yyy Blue
1
1
ALF7-yyy or ALF7LB-yyy Clear
1
1
ALF8-yyy or ALF8LB-yyy Yellow
1
1
2*
Rubber washer
ARW1.2/ARW3.2
Black
1
4
3
Panel
-
-
-
-
4**
Contact Element washer
-
Black
1
2
5**
Switch Contacts
S11
Red
1
2
6**
Switch Contacts
S12
Yellow
1
2
7**
Contact Block Installation Screws SC25/SC45/SC65/SC90
-
2
2
1*
30 mm Illuminated Flush
Momentary Metal Operator (with
filament bulb or LED bulb)
yyy = Voltage
012
=
12V AC/DC
024
=
24V AC/DC
048
=
48V AC/DC
110
=
110V AC/DC
230
=
230V AC
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/19/2007
11/19/2007
Philipp Ernstberger
11/19/2007
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament
bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
1PB-ALFx-yyy
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-ALFx-yyy
rev
-
ch.no.
-
description
original design
date
revised by
11/19/2007
Philipp E.
34 mm
[1.3 in]
max. 6 mm
[.25 in]
39 mm
[1.6 in]
79 mm
[3.1 in]
122 mm
[4.8 in]
* =
Operator includes 3x ARW1.2 and 1x ARW3.2
** =
Switch Contacts include Contact element washer and two SC24 installation screws, if more than
two contact blocks are used, additional screws must be purchased seperatly (SC45, SC65 or SC90)
1
2
3
4
5
6
7


Similar Part No. - ALF5-024

ManufacturerPart #DatasheetDescription
logo
DFI Inc
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
ALF51-BN-26E30 DFI-ALF51-BN-26E30 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
ALF51-BN-26E40 DFI-ALF51-BN-26E40 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
ALF51-BN-26N50 DFI-ALF51-BN-26N50 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
ALF51-BN-46E40 DFI-ALF51-BN-46E40 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
More results

Similar Description - ALF5-024

ManufacturerPart #DatasheetDescription
logo
Altech corporation
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
AMX ALTECH-AMX Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AFX ALTECH-AFX Datasheet
372Kb / 1P
30 mm Non-Illuminated Flush Momentary Metal Operator AFx
ABX ALTECH-ABX Datasheet
283Kb / 1P
30 mm Non-Illuminated Booted Momentary Metal Operator ABx
3PLBRXL-YYY ALTECH-3PLBRXL-YYY Datasheet
195Kb / 1P
Unibody LED Indicator Plastic Pilot Lights 3PLBRxL-yyy
2PLBXLB-YYY ALTECH-2PLBXLB-YYY Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2ALPXLB-YYY ALTECH-2ALPXLB-YYY Datasheet
154Kb / 1P
22 mm LED Illuminated Metal Projecting Operators 2ALPxLB-yyy
2ALFXLB-YYY ALTECH-2ALFXLB-YYY Datasheet
152Kb / 1P
22 mm LED Illuminated Metal Flush Momentary Operator
PLBX-XXX ALTECH-PLBX-XXX Datasheet
440Kb / 1P
30 mm Metal Pilot Light PLBx-yyy
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com