Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PPM Datasheet(PDF) 1 Page - Altech corporation

Part # 2PPM
Description  Push Push mechanism for converting spring return actuator into maintained 2PPM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2PPM Datasheet(HTML) 1 Page - Altech corporation

  2PPM Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/15/2007
11/15/2007
Philipp Ernstberger
11/15/2007
Push Push mechanism for converting spring return actuator into
maintained 2PPM
1PB-2PPM
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2PPM
rev
-
ch.no.
-
description
original design
date
revised by
11/15/2007
Philipp E.
24.5 mm
[1.0 in]


Similar Description - 2PPM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2 SCHNEIDER-ZB4BA2 Datasheet
385Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, black, unmarked
Oct 4, 2021
ZB4BA3 SCHNEIDER-ZB4BA3 Datasheet
382Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, green, unmarked
Oct 4, 2021
ZB4BA4 SCHNEIDER-ZB4BA4 Datasheet
378Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BL4 SCHNEIDER-ZB4BL4 Datasheet
381Kb / 13P
Harmony, 22mm Push Button, no guard push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BW333 SCHNEIDER-ZB4BW333 Datasheet
382Kb / 13P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, green, for integral LED
Oct 4, 2021
ZB4BW343 SCHNEIDER-ZB4BW343 Datasheet
167Kb / 8P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019
ZB5AA2 SCHNEIDER-ZB5AA2 Datasheet
410Kb / 12P
Harmony, 22mm Push Button, flush push button head, spring return, black, unmarked
Mar 7, 2022
XACA9412 SCHNEIDER-XACA9412 Datasheet
104Kb / 2P
Harmony, round head for push button, spring return, black, booted
Mar 21, 2022
XACA9413 SCHNEIDER-XACA9413 Datasheet
121Kb / 2P
Harmony, round head for push button, spring return, green, booted
Mar 21, 2022
XACA9414 SCHNEIDER-XACA9414 Datasheet
113Kb / 2P
Harmony, round head for push button, spring return, red, booted
Mar 21, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com