Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PLLXL Datasheet(PDF) 1 Page - Altech corporation

Part # 2PLLXL
Description  Lenses for 22 mm Pilot Lights with LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2PLLXL Datasheet(HTML) 1 Page - Altech corporation

  2PLLXL Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/15/2007
Philipp Ernstberger
Lenses for 22 mm Pilot Lights with LED
1PB-2PLLxL
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2PLLxL
rev
-
ch.no.
-
description
original design
date
revised by
11/15/2007
Philipp E.
13.20 mm
[.5 in]
M28x1
Color
Cat. No.
White
2PLL1L
Green
2PLL3L
Red
2PLL4L
Amber
2PLL5L
Blue
2PLL6L
Clear
2PLL7L
Yellow
2PLL8L


Similar Part No. - 2PLLXL

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2PLB1LB-012 ALTECH-2PLB1LB-012 Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2PLB1LB-024 ALTECH-2PLB1LB-024 Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2PLB1LB-048 ALTECH-2PLB1LB-048 Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2PLB1LB-110 ALTECH-2PLB1LB-110 Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
2PLB1LB-230 ALTECH-2PLB1LB-230 Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
More results

Similar Description - 2PLLXL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
logo
Altech corporation
3PLBRXL-YYY ALTECH-3PLBRXL-YYY Datasheet
195Kb / 1P
Unibody LED Indicator Plastic Pilot Lights 3PLBRxL-yyy
2PLBXLB-YYY ALTECH-2PLBXLB-YYY Datasheet
335Kb / 1P
22 mm LED Metal Pilot Light 2PLBx-LB-yyy
PLLX ALTECH-PLLX Datasheet
191Kb / 1P
30 mm Replacement Lenses for pilot lights PLLx (x=color)
logo
List of Unclassifed Man...
LB8MP-1T04G ETC2-LB8MP-1T04G Datasheet
10Mb / 44P
Flush Mount Switches & Pilot Lights
logo
Banner Engineering Corp...
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
logo
Schneider Electric
XGCS49LB201 SCHNEIDER-XGCS49LB201 Datasheet
153Kb / 6P
Panel Smart antenna with pilot lights
Jan 7, 2021
ZB6EB4A SCHNEIDER-ZB6EB4A Datasheet
113Kb / 5P
Complete body for pilot lights, Harmony XB6, red light block with body/fixing collar with integral LED
Sep 27, 2021
logo
Siemens Semiconductor G...
3SB3 SIEMENS-3SB3 Datasheet
8Mb / 80P
3SB3 Pushbuttons and Indicator Lights, 22 mm
10 - 2012
logo
ABB
1SFC151007C0201 ABB-1SFC151007C0201 Datasheet
25Mb / 172P
Pilot devices, 22 mm The complete offering
Rev D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com