Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PAM Datasheet(PDF) 1 Page - Altech corporation

Part # 2PAM
Description  Padlock for mushroom actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2PAM Datasheet(HTML) 1 Page - Altech corporation

  2PAM Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/9/2007
11/9/2007
Philipp Ernstberger
11/9/2007
Padlock for mushroom actuator
1PB-2PAM
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2PAM
rev
-
ch.no.
-
description
original design
date
revised by
11/9/2007
Philipp E.
27.4 mm
[1.1 in]
35.3 mm
[1.4 in]
n8 mm
[.3 in]


Similar Part No. - 2PAM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1015 PHILIPS-2PA1015 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 08
2PA1576 PHILIPS-2PA1576 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
logo
Guangdong Kexin Industr...
2PA1576 KEXIN-2PA1576 Datasheet
47Kb / 1P
PNP General Purpose Transistor
logo
NXP Semiconductors
2PA1576 NXP-2PA1576 Datasheet
91Kb / 7P
PNP general-purpose transistor
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PA1576 NEXPERIA-2PA1576 Datasheet
1Mb / 7P
PNP general-purpose transistor
Rev. 06 17 November 2009
More results

Similar Description - 2PAM

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2PAP ALTECH-2PAP Datasheet
184Kb / 1P
Padlock for projecting actuator
PAP ALTECH-PAP Datasheet
203Kb / 1P
Padlock for 30 mm projecting actuator
PAM ALTECH-PAM Datasheet
285Kb / 1P
Padlock for 30 mm mushroom actuator
logo
Schneider Electric
S48539 SCHNEIDER-S48539 Datasheet
110Kb / 2P
CIRCUIT BREAKER PADLOCK ATTACHMENT
Dec 10, 2020
AHPALI SCHNEIDER-AHPALI Datasheet
97Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
HPAFD SCHNEIDER-HPAFD Datasheet
121Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
HPALM SCHNEIDER-HPALM Datasheet
82Kb / 2P
CB HANDLE PADLOCK ATTACHMENT
Apr 19, 2021
9001K48 SCHNEIDER-9001K48 Datasheet
157Kb / 2P
30MM GUARD FOR 35MM MUSHROOM KNOB
Jan 20, 2022
9001K685 SCHNEIDER-9001K685 Datasheet
157Kb / 2P
30mm push button, Type K, aluminum mushroom guard, for 2.25 inch mushroom operator
Jan 20, 2022
9001R21 SCHNEIDER-9001R21 Datasheet
153Kb / 2P
30MM MUSHROOM FOR ILLUM PB RED 57MM
Jan 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com