Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ADP Datasheet(PDF) 1 Page - Altech corporation

Part # 2ADP
Description  Adapter for installing a 22.5 mm device in a 30.5 cutout 2ADP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2ADP Datasheet(HTML) 1 Page - Altech corporation

  2ADP Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/15/2007
11/15/2007
Philipp Ernstberger
11/15/2007
Adapter for installing a 22.5 mm device in a 30.5 cutout 2ADP
1PB-2ADP
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2ADP
rev
-
ch.no.
-
description
original design
date
revised by
11/15/2007
Philipp E.
n22.5 mm
[.9 in]
n30.5 mm
[1.2 in]
4 mm
[.2 in]
n22.5 mm
[.9 in]
n34.2 mm
[1.3 in]
1.1 mm
[.0 in]
ADW (washer only)


Similar Part No. - 2ADP

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2AD1 MULTICOMP-2AD1 Datasheet
1Mb / 4P
Toggle Switches Sub-Miniature
11/08/20 V1.0
2AD1 MULTICOMP-2AD1 Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AD1T1A1M2CE MULTICOMP-2AD1T1A1M2CE Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AD1T1A1M2CES MULTICOMP-2AD1T1A1M2CES Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AD1T1A1M2QE MULTICOMP-2AD1T1A1M2QE Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
More results

Similar Description - 2ADP

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5302 SEME-LAB-2N5302 Datasheet
11Kb / 1P
Bipolar NPN Device in a Bipolar NPN Device in a Metal Package.
BUX13 SEME-LAB-BUX13 Datasheet
14Kb / 1P
Bipolar NPN Device in a Bipolar NPN Device in a Metal Package
2N3420SMD05 SEME-LAB-2N3420SMD05 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed
2N3879SMD SEME-LAB-2N3879SMD Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed
2N3996SMD SEME-LAB-2N3996SMD Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed
BUY92SMD SEME-LAB-BUY92SMD Datasheet
14Kb / 1P
Bipolar PNP Device in a
CV7644 SEME-LAB-CV7644 Datasheet
15Kb / 1P
Bipolar NPN Device in a
logo
Omron Electronics LLC
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
logo
Glenair, Inc.
443-033 GLENAIR-443-033 Datasheet
290Kb / 2P
Band-in-a-Can Piggyback Boot Adapter
logo
PHOENIX CONTACT
2907891 PHOENIX-2907891 Datasheet
54Kb / 2P
Test device adapter - CM 2-PA-PT/A
12/24/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com