Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FI2 Datasheet(PDF) 2 Page - Altech corporation

Part # FI2
Description  FI Earth Leakage Circuit Breakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

FI2 Datasheet(HTML) 2 Page - Altech corporation

  FI2 Datasheet HTML 1Page - Altech corporation FI2 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
46°
36mm(1.42in.)
68mm(2.68in.)
44mm(1.73in.)
6.5mm
(0.26in.)
31mm(1.22in.)
15.7mm
(0.62in.)
3.2mm
(0.13in.)
18mm
(0.71in.)
2
1 N
N
9mm
(0.35in.)
5.8mm
(0.23in.)
10.9mm
(0.43in.)
72mm(2.83in.)
18mm
(0.71in.)
18mm
(0.71in.)
18mm
(0.71in.)
2
1 35 N
46
N
9mm
(0.35in.)
13.5mm
(0.53in.)
8mm
(0.31in.)
13.5mm
(0.53in.) 13.5mm
(0.53in.)
22.9mm
(0.90in.)
58mm(2.28in.)
64mm(2.52in.)
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
75
FI2
FI4
FI2 andFI4
EnvironmentalInformationmarkedwith“Snowflake”approvalfor-25°Cto40°C(-13°Fto104°F)
ambienttemperature.(TemperatureeffectonRC:forevery10°Ctemperatureriseabove40°C
decreaseRCby7%.)
Tomaximum45°C,95%relativehumidity.
Uninsulatedelectricallylivepartswithin30mmoftheoperatinghandleare“fingersafe”(terminal
screwheads)anduninsulatedlivepartswithin100mmoftheoperatinghandleare“back-of-handsafe”
(terminals).
15gwithimpactforcehalf-cyclesinusoidaland11msduration,18impactstotalwith6oneach
principalaxis(3impactseachface).FIisDINRailmountedduringthetest,andelectricallyloaded
with25%ofFaultRC.Successfultestingrequirednotripduringthetest,nodamageandnoloosened
parts.
5g,atfrequencyof55Hzto2,000Hz,appliedfor35±5minutesalongeachofthethreeprincipal
axes,plus5minutesofapplicationateveryestablishedcriticalresonantfrequency.FIisDINRail
mountedduringthetest,andloadedwith25%FaultRC.Topass,theFIdidnottripat25%FaultRC,
butdidtripbetweeneachoftheprincipalaxistestswhenthefaultcurrentwasraisedto125%Fault
RC,andtherewasnodamageandnoloosenedparts.Suitableformachineryandmobilevehicle
applications.
IngressProtection(IP)Class40;internalworkingcomponentsandliveparts(excludingterminals)are
protectedagainstingressofsolidobjectsgreaterthan1mmdiameter(class4-),buthaveno
protectionfromingressofwater(class-0).
TheFIistestedandapprovalstampedfortrippingsensitivitytonon-sinusoidalfaultcurrents,which
becomezerooralmostzerowithinonecycleofthelinefrequency.Waveformsandallowedtrip-
currentrangesareasfollows:
1.
ACSinusoidalFault-0.5-1.0timesFaultRC
2a. PulsatingDCFault;
PositiveandNegativeHalf-Waves-0.35-1.4timesFaultRC
2b. PhasedHalf-Wave,90°-0.25-1.4timesFaultRC
PhasedHalf-Wave,135°-0.11-1.4timesFaultRC
3.
PulsatingDCon6mA
DC(continuous)Base-Max.1.4timesFaultRC+6mA
AtVDEratedvoltage,suitableforClassCenvironmentswithrelativelyhighdustandmoisturelevels
andlittleHVACcontrol,e.g.,industrial,commercial,agricultural;onmachinetools,hoists,warehouse
equipment,etc.;inboilerrooms,unheatedstorage,coveredshipping/receiving,openworkshops,etc.
TemperatureRange
FluctuatingClimateConditions
ElectricalShockProtection
Impact/ShockProtection
Vibration/SeismicResistance
HousingClass
Non-SinusoidalFault
InsulationCategory



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com