Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB4 Datasheet(PDF) 3 Page - Altech corporation

Part # CB4
Description  HIGH TEMPERATURE CERAMIC EUROBLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CB4 Datasheet(HTML) 3 Page - Altech corporation

  CB4 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
CGMT4
6 mm
28.5 x 27 mm
9 mm
Polyamide 6.6
2 screw clamps
—
22-10 AWG 0.5-4 sq.mm 22-10 AWG
7 lb-in
0.5 Nm
7 lb-in
Cat. No.
Std. Pk.
CGMT4
50
MT2
100
CMT4SU
CSFL4U
CSFL4U(L)*
6 mm
29 x 35.5 mm
9 mm
Polyamide 6.6
2 uneven level solder points & 1
tapped hole for cross connection
—
22-14 AWG Upto 1.5 sq.mm 22-14 AWG
300 V
160 V
300 V
15 A
15 A
20 A
–
–
–
Cat. No.
Std. Pk.
CMT4SU
100
EPCMT4
50
PPCMT4
50
CA602
50
CA727/2
100
CA727/3
50
CA727/4
50
CA727/10
10
CA747/2
100
CA747/3
50
CA747/4
50
CA747/10
10
CA703/1
10
CA704/1
10
CA705/1
10
CA732/10
10
CA732/10-A
100
CA732/100
10
CA607/S/Q
10
MT2
100
8 mm
43 x 58 mm
9.5 mm
Polyamide 6.6
2 screw clamps
Ø5x20, Ø5x25mm
22-10 AWG
0.5-4 sq.mm 22-10 AWG
600 V
600 V
600 V
6.3 A
6.3 A
8 A
7 lb-in
0.5 Nm
7 lb-in
Cat. No.
Std. Pk.
CSFL4U
100
EPCSFL4U
50
PPCSFL4U
50
CA602
100
CA711/2
100
CA711/3
100
CA711/4
50
CA711/10
25
MT8
100
MT2
100
8 mm
43 x 58 mm
9.5 mm
Polyamide 6.6
2 screw clamps
Ø5x20, Ø5x25mm
22-10 AWG
0.5-4 sq.mm
22-10 AWG
600 V
600 V
600 V
6.3 A
6.3 A
8 A
7 lb-in
0.5 Nm
7 lb-in
Cat. No.
Std. Pk.
CSFL4U(L)*
100
EPCSFL4U
50
PPCSFL4U
50
CA602
100
CA711/2
100
CA711/3
100
CA711/4
50
CA711/10
25
MT8
100
MT2
100
C
US
C
US
C
US
C
US
47
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com