Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB4 Datasheet(PDF) 1 Page - Altech corporation

Part # CB4
Description  HIGH TEMPERATURE CERAMIC EUROBLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CB4 Datasheet(HTML) 1 Page - Altech corporation

  CB4 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CB16
CB4
CB6
47
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
W
T
T
T
C
W
C
D1
D2
W
T
T
H
H
D1
D2
H
W
H
W
H
Dimensions mm
Note: All dimensions are shown in mm, to convert to inches please divide by 25.4.
HIGH TEMPERATURE
CERAMIC EUROBLOCKS™
Suitable for use in high
temperature applications up
to 600°C (1112°F).
Applications include hot
melt glue guns, furnaces,
heaters, process equipment
and machinery. Terminal
blocks are offered with
mounting holes for panel
mounting or free floating
applications.
• Compact, space saving
• Tubular screw clamp
• Free float or panel mount
• Temperature range:
600°C (1112°F)
• Standard color: white
• Material
Housing: ceramic
Clamp:
brass
Screws:
zinc plated steel
Ceramic
22-10 AWG
20-10 AWG
300V
300V
40 A
30 A
Cat. No.
Std. Pk.
CB6/1
50
CB6/2H
50
CB6/3H
50
Insulation Material
Approvals
Wire Range
Voltage Rating
Current Rating
No. of Poles
1 (free floating)
2 (free floating)
2 (with mounting holes)
3 (free floating)
3 (with mounting holes)
Ceramic
20-6 AWG
18-6 AWG
300V
300V
76 A
65 A
Cat. No.
Std. Pk.
CB16/2H
50
CB16/3H
50
Ceramic
24-12 AWG
24-12 AWG
300V
300V
30 A
20 A
Cat. No.
Std. Pk.
CB4/1
50
CB4/2
50
CB4/2H
50
CB4/3
50
CB4/3H
50
CUS
CUS
CUS
W
T
H
C
D1
D2
Fixing
Stripping
Screw
Length
CB4/1
1 POLE
23
11
18.5
*
6
CB4/2
2 POLE
23
18
18.5
*
6
CB4/2H
2 POLE
23
24
18.5
14.6
6
3.5
M3X16
6
CB4/3
3 POLE
25
25
18.5
*
6
CB4/3H
3 POLE
25.4
36
18.5
13
6
3.5
M3X16
6
CB6/1
1 POLE
25
12
19.5
*
6
CB6/2H
2 POLE
25.5
26
19.5
12.6
6
M3X16
6
CB6/3H
3 POLE
25.5
41
19.5
15
6
M3X16
6
CB16/2H
2 POLE
28
31
23.2
16.5
6
3.5
M3X20
8.5
CB16/3H
3 POLE
27.5
48
23.2
17
6
3.5
M3X20
8.5
1 Pole
2 Pole
2 Pole with
mounting hole
3 Pole
3 Pole with
mounting hole


Similar Part No. - CB4

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
CB4 WILCOXON-CB4 Datasheet
351Kb / 1P
Cable termination junction box
Rev.E.1 09/18
logo
Multicomp Pro
CB4 MULTICOMP-CB4 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
logo
Chip Integration Techno...
CB40S100CT CITC-CB40S100CT Datasheet
690Kb / 3P
40A Trench Schottky Rectifier
logo
STMicroelectronics
CB45000 STMICROELECTRONICS-CB45000 Datasheet
265Kb / 16P
HCMOS6 STANDARD CELLS
Mar-1998
logo
SAMWHA ELECTRIC
CB4516UM600 SAMWHA-CB4516UM600 Datasheet
366Kb / 8P
Ultra Power Line Series
More results

Similar Description - CB4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
24-12AWG ALTECH-24-12AWG Datasheet
218Kb / 1P
High Temperature Ceramic Terminal Blocks
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Kemet Corporation
C0402C473J8NACTU KEMET-C0402C473J8NACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Temperature, Temperature Stable
C1812C223JDRACTU KEMET-C1812C223JDRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C333KCRACTU KEMET-C1812C333KCRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1825C104KDRACTU KEMET-C1825C104KDRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C103KGRACTU KEMET-C2220C103KGRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C154KBRACTU KEMET-C2220C154KBRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C104KDRACTU KEMET-C2225C104KDRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C153KHRACTU KEMET-C2225C153KHRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com