Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB45000 Datasheet (PDF) - STMicroelectronics

CB45000 Datasheet PDF - STMicroelectronics
Part # CB45000
Download  CB45000 Download
File Size   265.97 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCMOS6 STANDARD CELLS

CB45000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CB45000 Datasheet PDF - STMicroelectronics

Part # CB45000
Download  CB45000 Click to download

File Size   265.97 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCMOS6 STANDARD CELLS

CB45000 Datasheet (HTML) - STMicroelectronics


CB45000 Product details

GENERAL DESCRIPTION
The CB45000 standard cell series uses a high performance, low voltage, 5 level metal, HCMOS6 0.35 micron process to achieve subnanosecond internal speeds while offering very low power dissipation and high noise immunity.

FEATURES
■ 0.35 micron 5 layer metal HCMOS6 process, retrograde well technology, low resistance salicided active areas and polysilicide gates.
■ 3.3 V optimized transistor with 5 V I/O interface capability
■ 2 - input NAND delay of 160 ps (typ) with fanout = 2.
■ Broad I/O functionality including Low Voltage CMOS, Low Voltage TTL and LVDS. Driving capability to ISA, EISA, PCI, MCA, and SCSI interface levels
■ High drive I/O; capability of sinking up to 24 mA with slew rate control, current spike suppression and impedance matching.
■ Generators to support Single Port RAM, Dual Port RAM, and ROM with BIST options.
■ DRAM integration in ASIC methodology
■ Extensive embedded function library including ST DSP and micro cores, third party micros and Synopsys synthetic libraries.
■ Fully independent power and ground configurations for inputs, core and outputs.
■ I/O ring capability up to 1000 pads.
■ Latchup trigger current > +/- 500 mA. ESD protection > +/- 4000 volts typical value
■ Oscillators for wide frequency spectrum.
■ Broad range of 500+ SSI cells
■ Design For Test features including IEEE 1149.1 JTAG Boundary Scan architecture.
■ Cadence, Mentor and Synopsys based design systems with interfaces from multiple workstations.
■ Broad ceramic and plastic package range.




Similar Part No. - CB45000

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CB4516UM600 SAMWHA-CB4516UM600 Datasheet
366Kb / 8P
Ultra Power Line Series
CB4532UK121 SAMWHA-CB4532UK121 Datasheet
366Kb / 8P
Ultra Power Line Series
CB4532UK401 SAMWHA-CB4532UK401 Datasheet
366Kb / 8P
Ultra Power Line Series
More results


Similar Description - CB45000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CB35000 STMICROELECTRONICS-CB35000 Datasheet
166Kb / 16P
HCMOS STANDARD CELLS
Jul-1995
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_14 Datasheet
164Kb / 16P
Comprehensive Library of Standard Logic and I/O Cells
logo
CSB Battery Co., Ltd.
GP121000 CSB-BATTERY-GP121000_16 Datasheet
719Kb / 2P
Cells Per Unit 6 Cells Per Unit 6
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
Cylindrical cells
HB0820-2R5305-R EATON-HB0820-2R5305-R Datasheet
426Kb / 5P
Cylindrical cells
HV0810-2R7105-R EATON-HV0810-2R7105-R Datasheet
458Kb / 5P
Cylindrical cells
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
Coin cells
KW-5R5C104-R EATON-KW-5R5C104-R Datasheet
440Kb / 4P
Coin cells
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
TV1020-3R0605-R EATON-TV1020-3R0605-R Datasheet
494Kb / 5P
Cylindrical cells
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com