Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB45000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 2 Page - STMicroelectronics

  CB45000 Datasheet HTML 1Page - STMicroelectronics CB45000 Datasheet HTML 2Page - STMicroelectronics CB45000 Datasheet HTML 3Page - STMicroelectronics CB45000 Datasheet HTML 4Page - STMicroelectronics CB45000 Datasheet HTML 5Page - STMicroelectronics CB45000 Datasheet HTML 6Page - STMicroelectronics CB45000 Datasheet HTML 7Page - STMicroelectronics CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CB45000 SERIES
2/16
®
GENERAL DESCRIPTION
The CB45000 standard cell series uses a high
performance,
low
voltage,
5
level
metal,
HCMOS6 0.35 micron process to achieve sub-
nanosecond internal speeds while offering very
low power dissipation and high noise immunity.
With an average routed logic density of 14000
gates/mm2, the CB45000 family allows the
design of highly complex devices. The potential
available gate count ranges above 3 Million
equivalent gates. Devices can operate over a Vdd
voltage range of 2.7 to 3.6 volts.
The I/O count for this array family ranges to over
750 signals and 1000 pins based upon the
package
technology
utilized.
A
flexible
I/O
approach has been developed to provide an
Figure 1
Process Overview
Metal 5 : Al-Cu
Metal 4 : Al-Cu
Metal 3 : Al-Cu
Metal 2 : Al-Cu
Metal 1 : W
optimum solution for today’s complex system
problems of drive levels and specialized interface
standards.
The product offers a variable bonding approach
supporting pad spacings from 80
µ upwards and
supports staggered pad rows to address today’s
bonding technologies. Additional flexibility to
support 65
µ and 50µ pad spacing will be
available in the near future.
The I/O can be configured for circuits ranging
from low voltage CMOS and TTL to low swing
differential circuits (LVDS) and the 1Gigabit per
second high speed link. Standards like SCSI, 3.3
and 5 Volt PCI and other 5.0 Volt interfaces are
currently being addressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com