Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB45000 Datasheet(PDF) 12 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics CB45000 Datasheet HTML 10Page - STMicroelectronics CB45000 Datasheet HTML 11Page - STMicroelectronics CB45000 Datasheet HTML 12Page - STMicroelectronics CB45000 Datasheet HTML 13Page - STMicroelectronics CB45000 Datasheet HTML 14Page - STMicroelectronics CB45000 Datasheet HTML 15Page - STMicroelectronics CB45000 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CB45000 SERIES
12/16
®
ote 1.
Referenced to Vss. Stresses above those listed under “absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended peri-
ods may affect the device reliability.
Note 2.
A dedicated 5V extra power supply is needed in case of PCI buffer usage in order to clip the incoming signal on PCI pads to the
5 Volt tolerant specified Absolute Maximum Rating (5V + Vbe value)R.
Note 1.
Commercial, Industrial, and Military Conditions
Note 2.
Low Voltage TTL Circuits are NOT functional to specifications below 3.0 Volts
Note 3.
All circuits will operate to full specifications with a Vdd of 3.0V to 3.6V and a junction temperature of -40 to +125 degrees centi-
grade. These junction temperatures are compatible with the Commercial and Industrial Temperature Ranges.
Note 4.
All circuits will be functional from -55 to +150 degrees centigrade junction temperature (military Ambient Temperature Range)
but will not necessary operate to published specifications. Only circuits specified as operational to extended temperature range
may be used when operating to Military temperature conditions.
Note 1.
These are extended voltage and temperature specifications
Vdd from 2.7 V to 3.6 V ; Temperature Ambient from -55 to 125 degrees Centigrade
Note 2.
Adherence to rules in Power Pin / Pad Specifications Required
Note 3.
Excluding Package
Note 4.
At 0.0 Volts
Note 5.
Human Body Model
Table 6
Absolute Maximum Ratings (note1)
Supply Voltage, Vdd
-0.5 V to + 4.6 V
Input or Output Voltage
5 Volt Tolerant Input or Output Voltage
-0.5 V to (Vdd + 0.5V)
-0.5 V to +6.0 V
DC Forward Bias Current, Input or Output
-24mA source, +24mA sink
Storage Temperature Ceramic
-65 to 150 degrees Centigrade
Storage Temperature Plastic
-40 to 125 degrees Centigrade
Table 7
Recommended DC Operating Conditions
Normal Operating Supply Voltage Vdd (note 1)
3.3 V +/- 10% (3.0 V to 3.6 V)
Extended Operating Supply Voltage Vdd (notes 1,2)
3.3 V + 0.3V/-0.6V (2.7V to 3.6V)
Operating Ambient Temperature
Commercial (note 3)
Industrial (note 3)
Military (note 4)
0 to 70 degrees Centigrade
-40 to +85 degrees Centigrade
-55 to +125 degrees Centigrade
Table 8
General Interface DC Electrical Characteristics (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Iil
Low Level Input Current
Vi =Vss
+/-10
uA
2
Iih
High Level Input Current
Vi = Vdd
+/-10
uA
2
Ioz
Tri-State Output Leakage
Vo=0V or Vdd
+/-10
uA
2
Cin
Input Capacitance
Freq=1MHz
2.5
4.0
pF
3,4
Co
Output Capacitance
Freq=1MHz
4.0
5.5
pF
3,4
Cio
Bidi, I/O Capacitance
Freq=1MHz
5..0
6.5
pF
3,4
Iklu
I/O Latch Up Current
V<Vss, V>Vdd
200
500
mA
Vesd
Electrostatic Protection
HBM
2000
V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com