Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB45000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CB45000 Datasheet HTML 5Page - STMicroelectronics CB45000 Datasheet HTML 6Page - STMicroelectronics CB45000 Datasheet HTML 7Page - STMicroelectronics CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics CB45000 Datasheet HTML 10Page - STMicroelectronics CB45000 Datasheet HTML 11Page - STMicroelectronics CB45000 Datasheet HTML 12Page - STMicroelectronics CB45000 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
CB45000 SERIES
®
r
Packages in Production
A
Packages in Development
NUMBER
OF LEADS
(Pins)
PACKAGE NAME
PQFP
TQFP
BGA
PLCC
POWER PQFP
Slug/Spreader
20
r
28
r
44
rr
64
rr
68
r
80
rr
84
r
100
rr
120
rr
128
rr
144
rr
r
160
rr
176
r
180
208
rr
224
225
r
256
r
257
304
352
A
400
A
480
A
PACKAGE AVAILABILITY
The
CB45000
Series
is
designed
to
be
compatible with QFP, BGA and SBC package
types, in addition to the more traditional types
found.
The options include Plastic Leaded Chip Carriers
(PLCC) up to 84 pins, while the Metric Quad Flat
Pack (xQFP) offering ranges up to 208 pins. Both
high performance and high power variants are
available as well as the TQFP thin types.
Figure 6
Packaging Capability
Ball Grid Array (BGA) packages are available
from 160 to 500 pins with further developments
planned in the near future. SBC types allow the
pin count to reach the area of 1000 pins.
The diversity in pin count and package style gives
the designer the opportunity to find the best
compromise
for
system
size,
cost
and
performance requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com