Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB45000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CB45000 Datasheet HTML 3Page - STMicroelectronics CB45000 Datasheet HTML 4Page - STMicroelectronics CB45000 Datasheet HTML 5Page - STMicroelectronics CB45000 Datasheet HTML 6Page - STMicroelectronics CB45000 Datasheet HTML 7Page - STMicroelectronics CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics CB45000 Datasheet HTML 10Page - STMicroelectronics CB45000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
CB45000 SERIES
®
MODULE GENERATORS
A series of module generators using compiled
cell generation techniques, are available to
support a range of megacells. These modules
enable
the
designer
to
choose
individual
parameters in order to create a compiled cell,
which
meets
the
specific
application
requirements. These include single port RAM,
dual port RAM and ROM.
The compiled cell generators construct custom
cells, which are implemented using a special leaf
cell technique, ensuring predictable layout and
accurate module characteristics. In choosing
megacells the designer can consider the trade-
offs between speed and area to generate a fully
customized cell which meets their specific device
requirements.
MEGACELLS
These megacell generators are complemented
by a group of application specific embedded
megacells. These allow access to technologies
that have been hitherto the domain of standard
products. Examples include mixed mode cells for
graphics, DAC/ADC’s (4-9 bit), PLL applications,
and Digital Signal Processor functions for cellular
comms, fax and high-speed modems, which
initially consist of a Triple 8-bit DAC, Graphics
RAM,
Clock
Multiplier
PLL
and
Frequency
Synthesis PLL.
100 Mbps serial transputer links coupled with
large and fast memory can be used for pipelining,
Table 5
Module Generator Library
Cell
Description
SPRAM
256K bits max
16K word max 128 bit max
Zero static current, Tristate outputs
DPRAM
256K bits max
16K word max 128 bit max
Zero static current, Tristate outputs
ROM
2M bits max
32K word max 64 bit max
Diffusion programmable, Tristate outputs
caching and synchro circuits in modern RISC
computing
architectures.
Viterbi
and
Reed
Solomon cores aim at the HDTV and satellite
transmission markets. To support telecom needs
for CCITT standard applications, ADPCM cells
supporting CT2 protocol have been developed.
DESIGN FOR TESTABILITY
The time and cost for ASIC testing increases
exponentially as the complexity and size of the
ASIC grows. Using a design for testability
methodology allows large, more complex ASICs
to be efficiently and economically tested.
CB45000 supports the JTAG boundary Scan and
both edge and level sensitive scan design
techniques
by
providing
the
necessary
macrocells. Scan testing aids device testability by
permitting access to internal nodes without
requiring a separate external connection for each
node accessed. Testability is assured at device
level with the close coupling of LSSD latch
elements, Automatic Test Pattern Generation
(ATPG)
and
high
pattern
depth
tester
architecture. BIST options for memory generators
are also available.
At system level, SGS-THOMSON fully supports
IEEE 1149.1, and the I/O structure utilized in this
family is completely compatible. Several types of
core scan cells are provided in the CB45000
Series library. Examples include FDxS/FJKxS
cells which are edge sensitive and LSxx cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com