Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB45000 Datasheet(PDF) 14 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics CB45000 Datasheet HTML 10Page - STMicroelectronics CB45000 Datasheet HTML 11Page - STMicroelectronics CB45000 Datasheet HTML 12Page - STMicroelectronics CB45000 Datasheet HTML 13Page - STMicroelectronics CB45000 Datasheet HTML 14Page - STMicroelectronics CB45000 Datasheet HTML 15Page - STMicroelectronics CB45000 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CB45000 SERIES
14/16
®
Note 1.
Five Volt Tolerant Inputs: receivers allowed to receive a 5V signal while being supplied at 3.3V
Five Volt Tolerant Output: drivers allowed to drive external loads between 0V and 3.3V while being supplied at 3.3V having the
ability to sustain 5V signals when tristated.
Note 2.
These are normal Voltage and extended temperature specifications
TTL specification only; Vdd from 3.0 V to 3.6 V
Temperature Ambient from -55 to 125 degrees Centigrade
Note 3.
Adherence to rules in Power Pin / Pad Specifications Required
Note 4.
Refer to the CB45000 Standard Cell Specification for full Testing Levels and Conditions
Note 5. Buffers offered in 3, 4, 6, 8 mA TTL options
Table 11 Five Volt Tolerant Interface DC Electrical Characteristics (Note 1,2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Notes
Vil
Low Level Input Voltage
0.8
Volts
3,4
Vih
High Level Input Voltage
2.0
Volts
3,4
Vol
Low Level Output Voltage
Iol = Rated Buffer
Current
0.2
0.4
Volts
3,4,5
Voh
High Level Output Voltage
Ioh = Rated Buffer
Current
2.4
3.0
Volts
3,4,5
Vt +
Schmitt Trigger +Ve
Threshold
1.7
1.9
Volts
3,4
Vt -
Schmitt Trigger -Ve
Threshold
0.9
1.1
Volts
3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com