Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT2 Datasheet(PDF) 1 Page - Altech corporation

Part # BT2
Description  30 mm Rubber Boots BTx (x=color)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

BT2 Datasheet(HTML) 1 Page - Altech corporation

  BT2 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/21/2007
11/21/2007
Philipp Ernstberger
11/21/2007
30 mm Rubber Boots BTx (x=color)
1PB-BTx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-BTx
rev
-
ch.no.
-
description
original design
date
revised by
11/21/2007
Philipp E.
15.5 mm
[.6 in]
Color
Cat. No.
White
BT1
Black
BT2
Green
BT3
Red
BT4
Blue
BT6
Yellow
BT8


Similar Part No. - BT2

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BT2-0026 MARKIMICROWAVE-BT2-0026 Datasheet
759Kb / 5P
HIGH POWER BIAS TEE
BT2-0040 MARKIMICROWAVE-BT2-0040 Datasheet
559Kb / 5P
HIGH POWER BIAS TEE
BT2-0050 MARKIMICROWAVE-BT2-0050 Datasheet
566Kb / 5P
HIGH POWER BIAS TEE
logo
Banner Engineering Corp...
BT2.52PM600 BANNER-BT2.52PM600 Datasheet
15Mb / 42P
Fiber Optic Systems
BT2.52PM900 BANNER-BT2.52PM900 Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - BT2

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L119EGW KINGBRIGHT-L119EGW Datasheet
119Kb / 4P
2 X 5 MM BI - COLOR INDICATOR LAMPS
logo
Altech corporation
2BTX ALTECH-2BTX Datasheet
165Kb / 1P
Boots for 22 mm Booted Actuators 2BTx (x=color)
PLLX ALTECH-PLLX Datasheet
191Kb / 1P
30 mm Replacement Lenses for pilot lights PLLx (x=color)
logo
STANLEY ELECTRIC CO.,LT...
FRYPY1211C STANLEY-FRYPY1211C Datasheet
556Kb / 23P
Bi-color Type (1.6 X 1.5 mm)
BRPG1211C-TR STANLEY-BRPG1211C-TR Datasheet
556Kb / 23P
Bi-color Type (1.6 X 1.5 mm)
logo
List of Unclassifed Man...
NC3030 ETC2-NC3030 Datasheet
130Kb / 1P
Circuit Breaker Boots Full Pushbutton Boots
logo
Schneider Electric
ZBY2322 SCHNEIDER-ZBY2322 Datasheet
88Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking RESET black color
Nov 18, 2021
ZBY2323 SCHNEIDER-ZBY2323 Datasheet
88Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking RESET red color
Nov 18, 2021
logo
SparkFun Electronics
ROB-12233 SPARKFUN-ROB-12233 Datasheet
93Kb / 1P
Rubber Ring - 4.65ID x 1/8W
2/12/2016
ROB-12278 SPARKFUN-ROB-12278 Datasheet
91Kb / 1P
Rubber Ring - 5.65ID x 1/4W
2/12/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com