Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR41 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSR41
Description  NPN Medium Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSR41 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BSR41 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSR41 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = 60 V
100
nA
IE =0; VCB =60V; Tj = 150
50
ìA
Emitter cutoff current
IEBO
IC =0; VEB = 5 V
100
nA
DC current gain *
BSR40,BSR42
10
BSR41,BSR43
30
DC current gain *
BSR40,BSR42
40
120
BSR41,BSR43
100
300
DC current gain *
BSR40,BSR42
30
BSR41,BSR43
50
IC = 150 mA; IB = 15 mA
250
mV
IC = 500 mA; IB = 50 mA
500
mV
IC = 150 mA; IB =15mA
1
V
IC = 500 mA; IB =50mA
1.2
V
Collector capacitance
Cc
IE =ie=0; VCB = 10 V; f = 1 MHz
12
pF
Emitter capacitance
Ce
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
90
pF
Transition frequency
fT
IC =50mA; VCE = 10 V; f = 100 MHz
100
MHz
Turn-on time
ton
250
ns
Turn-off time
toff
1ìs
* Pulse test: tp = 300 ìs; ä
0.01.
collector-emitter saturation voltage *
base-emitter saturation voltage *
Collector cutoff current
hFE
hFE
hFE
VCEsat
ICon = 100 mA; IBon =5mA;
IBoff =-5mA
VBEsat
ICBO
IC = 100 mA; VCE =5V;
IC = 100 mA; VCE =5V
IC = 500 mA; VCE =5V;
hFE Classification
TYPE
BSR40
BSR41
BSR42
BSR43
Marking
AR1
AR2
AR3
AR4
BSR40; BSR41; BSR42; BSR43



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com