Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2LP63 Datasheet(PDF) 1 Page - Altech corporation

Part # 2LP63
Description  22 mm Legend Plates
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2LP63 Datasheet(HTML) 1 Page - Altech corporation

  2LP63 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stock code Long description
Stock code Long description
2LP01
"START"
2LP29
"UP
DOWN"
2LP01SP
"ARRANQUE"
2LP29SP
"ARRIBA ABAJO"
2LP02
"STOP"
2LP30
"ON OFF"
2LP02SP
"PARO"
2LP30SP
"ENCENDIDO APAGADO"
2LP03
"FORWARD"
2LP31
"REV
FWD"
2LP03SP
"ADELANTE"
2LP31SP
"ADELANTE ATRAS"
2LP04
"REVERSE"
2LP32
"AUTO HAND"
2LP04SP
"ATRAS"
2LP32SP
"AUTO MAN"
2LP05
"UP"
2LP33
"LOCAL REMOTE"
2LP05SP
"ARRIBA"
2LP33SP
"LOCAL REMOTO"
2LP06
"DOWN"
2LP34
"I II"
2LP06SP
"ABAJO"
2LP35
"O I"
2LP07
"OPEN"
2LP36
"HAND O AUTO"
2LP07SP
"ABRIR"
2LP36SP
"MAN O AUTO"
2LP08
"CLOSE"
2LP37
"SLOW OFF FAST"
2LP08SP
"CERRAR"
2LP37SP
"LENTO FUERA RAPIDO"
2LP09
"AUTO"
2LP38
"UP OFF DOWN"
2LP10
"HAND"
2LP38SP
"ARRIBA FUERA ABAJO"
2LP10SP
"MANUAL"
2LP39
"I O II"
2LP11
"SLOW"
2LP40
Blank Aluminum
2LP12
"FAST"
2LP41
EMERGENCY STOP
2LP12SP
"RAPIDO"
2LP41SP
"PARO DE EMERGENCIA"
2LP13
"RESET"
2LP42
"FOR-OFF-REV"
2LP13SP
"REARME"
2LP43
"AUTO - MAN"
2LP14
"INCH"
2LP44
"RAISE - LOWER"
2LP14SP
"LENTO"
2LP45
"JOG - RUN"
2LP15
"ON"
2LP46
"OFF - ON"
2LP15SP
"DENTRO"
2LP47
"FWD - REV"
2LP16
"OFF"
2LP48
"POSITION ,
A
B"
2LP16SP
"FUERA"
2LP55
Cycle Stop
2LP17
"RIGHT"
2LP55
Cycle Stop
2LP17SP
"DERECHO"
2LP56
Emergency Stop
2LP18
"LEFT"
2LP57
OXY - AUTO - ATM
2LP18SP
"IZQUIERDA"
2LP58
OXY - ATM - AUTO
2LP19
"TRIP"
2LP59
REV - OFF - FWD
2LP19SP
"FALLA"
2LP60
JOG
2LP20
"POWER ON"
2LP61
SHEAR
2LP20SP
"ENCENDIDO"
2LP62
INFEED ON/OFF
2LP21
"LOCAL"
2LP63
INFEED
2LP22
"REMOTE"
2LP64
CLUTCH ON/OFF
2LP23
"TEST"
2LP66
Emergency Stop
2LP24
"RUN"
2LP69
JOG
2LP25
"R PHASE"
2LP70
SHEAR
2LP26
"Y PHASE"
2LP71
INFEED ON/OFF
2LP27
"B PHASE"
2LP72
INFEED
2LP28
"START STOP"
2LP73
CLUTCH ON/OFF
2LP28SP
"ARRANQUE PARO"
2LPXX
temporary for custom imprint
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/15/2007
11/15/2007
Philipp Ernstberger
11/15/2007
22 mm Legend Plates
1PB-2LPxxx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-2LPxxx
rev
-
ch.no.
-
description
original design
date
revised by
11/15/2007
Philipp E.
30 mm
[1.2 in]
n24.5 mm
[1.0 in]
n60 mm
[2.4 in]
n24.5 mm
[1.0 in]
Metal legend plates are engraved on both sides, one side
in horizontal and the other side in a vertical orientation.
Shown 2LP66, standard color: black


Similar Description - 2LP63

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LPXXX ALTECH-LPXXX Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Schneider Electric
ZBY2113 SCHNEIDER-ZBY2113 Datasheet
89Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking OUVERTURE
Nov 15, 2021
ZBY21CUST02 SCHNEIDER-ZBY21CUST02 Datasheet
69Kb / 1P
legend holder 30 x 40 mm with legend
Nov 18, 2021
ZBY2H101 SCHNEIDER-ZBY2H101 Datasheet
117Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 18, 2021
ZBY4H101 SCHNEIDER-ZBY4H101 Datasheet
118Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 18, 2021
ZBY61CUST01 SCHNEIDER-ZBY61CUST01 Datasheet
67Kb / 1P
legend holder 30 x 50 mm with legend
Nov 18, 2021
ZBY6H101 SCHNEIDER-ZBY6H101 Datasheet
114Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
ZBY6H102 SCHNEIDER-ZBY6H102 Datasheet
110Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
ZBZ34 SCHNEIDER-ZBZ34 Datasheet
122Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm unmarked
Nov 22, 2021
ZB2BY2178 SCHNEIDER-ZB2BY2178 Datasheet
93Kb / 2P
legend - 횠 22 - 30 x 40 mm - O-I
Mar 23, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com