Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT459
Description  Silicon NPN High Voltage Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT459 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT459 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT459 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=100ìA
500
700
V
Collector-emitter breakdown voltage
BVCEV
IC=10ìA,0.3V
VBE
-1V
500
700
V
Collector-emitter breakdown voltage *
BVCEO
IC=10mA
450
500
V
Emitter-base breakdown voltage
BVEBO
IE=100ìA
6
8.1
V
Emitter-base breakdown voltage
BVECV
IC=1ìA,0.3V
VBC
-6V
68.1
V
Collector-emitter cut-off current
ICES
VCE=450V
100
nA
Collector-base cut-off current
ICBO
VCB=450V
100
nA
Emitter-base cut-off current
IEBO
VEB=5V
100
nA
IC=30mA,VCE=10V
50
120
IC=50mA,VCE=10V *
70
IC=20mA,IB=2mA
60
75
mV
IC=50mA,IB=6mA
70
90
mV
Base-emitter saturation voltage *
VBE(sat) IC=50mA,IB=5mA
0.76
0.9
V
Base-emitter turn on voltage *
VBE(on) IC=50mA,VCE=10V
0.71
0.9
V
Transition frequency
fT
IC=10mA,VCE=20V,f=20MHz
50
MHz
Output capacitance
Cobo
VCB=20V, f=1MHz
5
pF
Turn-on time
ton
IC=50mA, VCC=100V
113
ns
Turn-off time
toff
IB1=5mA, IB2=10mA
3450
ns
* Measured under pulsed conditions. Pulse width = 300 ìs; duty cycle
2%
hFE
Static forward current transfer ratio
VCE(sat)
Collector-emitter saturation voltage *
Marking
Marking
459
FMMT459



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com