Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAS31 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS31
Description  General Purpose Controlled Avalanche Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS31 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS31 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAS31 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAS31 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KAS31 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
SMD Type
Diodes
www.kexin.com.cn
KAS29/KAS31/KAS35
(BAS29/BAS31/BAS35)
(1) VR = 90 V; maximum values.
(2) VR = 90 V; typical values.
f= 1 MHz; Tj = 25 °C.
Fig.4 Reverse Current as a Function of
Junction Temperature.
Fig.5 Diode Capacitance as a Function Of Reverse
Voltage; Typical Values.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com