Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC856
Description  PNP General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC856 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC856 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC856 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
VCB =-30 V, IE = 0
-1
-15
nA
ICBO
VCB =-30 V, IE =0, Tj = 150
-4
ìA
IEBO
VEB =-5V, IC = 0
-100
nA
BC856
125
475
BC857
125
800
BC856A,BC857A
125
250
BC856B,BC857B,BC858B
220
475
BC857C
420
800
IC =-10 mA; IB = -0.5 mA
-75
-300
mV
IC = -100 mA; IB = -5 mA; *
-250
-650
mV
IC =-10 mA; IB = -0.5 mA
-700
mV
IC = -100 mA; IB = -5 mA; *
-850
mV
IC =-2mA; VCE = -5 V
-600
-650
-750
mV
IC =-10 mA; VCE = -5 V
-820
mV
CC
VCB =-10 V; IE =Ie=0;f = 1MHz
4.5
pF
fT
VCE =-5V; IC = -10 mA;f = 100 MHz
100
MHz
NF
IC = -200 µA; VCE =-5V;RS =2kÙ;
f = 1 kHz;B = 200 Hz
210
dB
* Pulse test: tp
300µs, ä
0.02.
Transition frequency
Parameter
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
Noise figure
IC =-2mA; VCE =-5V
Collector cutoff current
Collector capacitance
Emitter cutoff current
Base-emitter saturation voltage
VBE(sat)
VBE
Base-emitter voltage
BC856,BC857,BC858
hFE Classification
TYPE
BC856
BC856A
BC856B
Marking
3D
3A
3B
TYPE
BC857
BC857A
BC857B
BC857C
Marking
3H
3E
3F
3G
TYPE
BC858B
Marking
3K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com