Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1621 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC1621
Description  NPN Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC1621 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC1621 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC1621 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxial Transistor
2SC1621
Features
High speed : tstg=20ns MAX.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
40
V
Collector to emitter voltage
VCEO
20
V
Emitter to base voltage
VEBO
5V
Collector current (DC)
IC
200
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
Storage temperature range
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =30V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB =4V, IC=0
100
nA
DC current gain *
hFE
VCE =0.5V , IC = 1mA
40
80
180
Collector-emitter saturation voltage *
VCE(sat) IC =10mA , IB = 1mA
0.13
0.25
V
Base-emitter saturation voltage *
VBE(sat) IC =10mA , IB = 1mA
0.74
0.85
V
Gain bandwidth product
fT
VCE =10V , IE = -10mA
200
500
MHz
Output capacitance
Cob
VCB =10V , IE = 0 , f = 1.0MHz
3.0
6.0
pF
Turn-on time
ton
12
20
ns
Storage time
tstg
See Test Circuit
7
20
ns
Turn-off time
toff
18
40
ns
*. PW
350ìs,duty cycle
2%


Similar Part No. - 2SC1621

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1621 NEC-2SC1621 Datasheet
229Kb / 4P
HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD?
More results

Similar Description - 2SC1621

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com