Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2619 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2619
Description  Silicon NPN Epitaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2619 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2619 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial
2SC2619
Features
High frequency amplifier.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Collector dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
30
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
30
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
5
V
Collector cutoff current
ICBO
VCB = 20V, IE=0
0.5
ìA
Emitter cutoff current
IEBO
VEB =2V, IC=0
0.5
ìA
DC current gain
hFE
VCE = 12V , IC = 2mA
60
200
Collector-emitter saturation voltage
VCE(sat) IC = 10mA , IB =1mA
1.1
V
Base-emitter voltage
VBE
VCE = 12V , IC = 2mA
0.75
V
Gain bandwidth product
fT
VCE = 12V , IC = 2mA
230
MHz
Collector output capacitance
Cob
VCB = 10V , IE=0, f = 1MHz
3.5
pF
Noise figure
NF
VCE =6V, IC = 2mA,f= 1MHz,Rg =
500Ù
5dB
hFE Classification
Marking
FB
FC
hFE
60
120
100
200


Similar Part No. - 2SC2619

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2619 HITACHI-2SC2619 Datasheet
24Kb / 5P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2619 RENESAS-2SC2619 Datasheet
199Kb / 9P
Silicon NPN Epitaxial
2SC2619FBTR-E RENESAS-2SC2619FBTR-E Datasheet
199Kb / 9P
Silicon NPN Epitaxial
2SC2619FCTR-E RENESAS-2SC2619FCTR-E Datasheet
199Kb / 9P
Silicon NPN Epitaxial
More results

Similar Description - 2SC2619

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com