Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE6HWPR/08 Datasheet(PDF) 7 Page - Altech corporation

Part # HE6HWPR/08
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE6HWPR/08 Datasheet(HTML) 7 Page - Altech corporation

Back Button HE6HWPR/08 Datasheet HTML 2Page - Altech corporation HE6HWPR/08 Datasheet HTML 3Page - Altech corporation HE6HWPR/08 Datasheet HTML 4Page - Altech corporation HE6HWPR/08 Datasheet HTML 5Page - Altech corporation HE6HWPR/08 Datasheet HTML 6Page - Altech corporation HE6HWPR/08 Datasheet HTML 7Page - Altech corporation HE6HWPR/08 Datasheet HTML 8Page - Altech corporation HE6HWPR/08 Datasheet HTML 9Page - Altech corporation HE6HWPR/08 Datasheet HTML 10Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PLUGGABLE EUROSTRIPS
Panel Mount
For wire-to-wire connections in
HVAC, appliance, equipment,
power and other distribution
applications. Pluggable
Eurostrips® speed and simplify
replacement of subassemblies,
etc. They reduce downtime and
misconnections.
Two-piece pluggable terminal
strips feature tubular screw
clamps, with recessed metal
parts for finger protection. A
spring loaded contact prevents
inadvertant unplugging.
The headers and plugs are
available with flat base or
standoff feet and can be panel
mounted or free float. Offered
in easy to cut 12 pole strips,
they can also be orderd precut
with the required number of
poles.
• Tubular Screw Clamp
• Panel Mount or Free Float
• Housing Material: Polyamide
6.6
• Color: Opaque White
10 mm
3.5 mm
3.6 mm
2.5-4mm2
24-10AWG
400V
300V
10A
20A
0.8Nm
7.2lb
Cat. No.
Std. Pk.
HE42BU/02
100
HE42BU/03
100
HE42BU/04
100
HE42BU/05
100
HE42BU/06
50
HE42BU/07
50
HE42BU/08
50
HE42BU/09
50
HE42BU/10
50
HE42BU/11
50
HE42BU/12
50
HE42ST
HE42BU
Pole Spacing
Mounting Hole Diameter
Stripping Length
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
No. of Poles
2
3
4
5
6
7
8
9
10
11
12
Flat Base
Flat Base
Dimensions mm
A= 10.0
J= 15.2
B= M3
K= 7.9
C= 6.4
L= 117
D= 3.6
M= 14.9
E= Ø3.5
N =
34.4
F= Ø5.7
O= 9.2
G = 10.0
P= 20
H= Ø3.5
Q= 14.4
I= 3.2
R= 7
10 mm
3.5 mm
3.6 mm
2.5-4mm2
24-10AWG
400V
300V
10A
20A
0.8Nm
7.2lb
Cat. No.
Std. Pk.
HE42ST/02
100
HE42ST/03
100
HE42ST/04
100
HE42ST/05
100
HE42ST/06
50
HE42ST/07
50
HE42ST/08
50
HE42ST/09
50
HE42ST/10
50
HE42ST/11
50
HE42ST/12
50
FLAT BASE
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
86
E211022
E211022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com