Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1813 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1813
Description  PNP Epitaxial Planar Silicon Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1813 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1813 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
PNP Epitaxial Planar Silicon Transistors
2SA1813
Features
Very small-sized package.
Adoption of FBET process.
High DC current gain (hFE=500 to 1200).
Low collector-to-emitter saturation voltage
(VCE(sat)
0.3V).
High VEBO (VEBO
15V).
1 Emitter
2 Base
3 Collector
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-25
V
Emitter-base voltage
VEBO
-15
V
Collector current
IC
-150
mA
Collector current (pulse)
ICP
-300
mA
Base current
IB
-30
mA
Collector dissipation
PC
200
mW
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB = -20V , IE =0
-0.1
ìA
Emitter cutoff current
IEBO
VEB = -10V , IC =0
-0.1
ìA
DC current Gain
hFE
VCE =-5V , IC = -1mA
500
800
1200
Gain bandwidth product
fT
VCE = -10V , IC = -10mA
210
MHz
Common base output capacitance
Cob
VCB = -10V , f = 1MHz
2.6
pF
Collector-to-emitter saturation voltage
VCE(sat)
IC = -50mA , IB =-1mA
-0.15
-0.3
mV
Base-to-emitter saturation voltage
VBE(sat)
IC = -50mA , IB =-1mA
-0.78
-1.1
V
Collector-to-base breakdown voltage
V(BR)CBO IC = -10ìA , IE =0
-30
V
Collector-to-emitter breakdown voltage
V(BR)CEO
IC =-1mA , RBE =
-25
V
Emitter-to-base breakdown voltage
V(BR)EBO
IE = -10ìA , IC =0
-15
V
Marking
Marking
KS


Similar Part No. - 2SA1813

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1813 SANYO-2SA1813 Datasheet
81Kb / 3P
Low-Frequency General-Purpose Amp, Driver, Muting Circuit Applications?
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813_15 Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SA1813

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Rectron Semiconductor
BC556A RECTRON-BC556A Datasheet
92Kb / 3P
PNP Silicon Planar Epitaxial Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com