Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1949 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1949
Description  Medium Power Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1949 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1949 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Medium Power Transistor
2SD1949
Features
High current.(IC=5A)
Low saturation voltage, typically VCE(sat)=0.1V at IC /IB=150mA / 15mA.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5V
Collector current
IC
0.5
A
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=1mA
50
V
Collector-emitter breakdown voltage
BVCEO
VCB=30V
50
V
Emitter-base breakdown voltage
BVEBO
VEB=4V
5
V
Collector cutoff current
ICBO
VCE/IC=3V/0.01A
0.5
ìA
Emitter cutoff current
IEBO
VCE=5V , IE= -20mA , f=100MHz
0.5
ìA
DC current transfer ratio
hFE
VCB=10V , IE=0A , f=1MHz
120
390
Collector-emitter saturation voltage
VCE(sat) IC=100ìA
0.4
V
Output capacitance
fT
IE=100ìA
250
MHz
Transition frequency
Cob
IC/IB=150mA/15mA
6.5
pF
hFE Classification
Marking
Rank
Q
R
hFE
120
270
180
390
Y


Similar Part No. - 2SD1949

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1949 ROHM-2SD1949 Datasheet
42Kb / 3P
Medium Power Transistor (50V, 0.5A)
logo
SeCoS Halbleitertechnol...
2SD1949 SECOS-2SD1949 Datasheet
138Kb / 2P
NPN Silicon General Purpose Transistor
logo
Rohm
2SD1949 ROHM-2SD1949 Datasheet
67Kb / 3P
Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949 Datasheet
112Kb / 3P
Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949_1 Datasheet
67Kb / 3P
Medium Power Transistor (50V,0.5A)
More results

Similar Description - 2SD1949

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com