Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT3904W
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT3904W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT3904W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT3904W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter breakdown voltage
V(BR)CEO
IC =1.0 mA, IB =0
40
V
Collector-base breakdown voltage
V(BR)CBO
IC =10ìA, IE =0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE =10ìA, IC =0
6
V
Base cutoff current
IBL
VCE =30V, VEB =3.0 V
50
nA
Collector cutoff current
ICEX
VCE =30V, VEB =3.0 V
50
nA
DC current gain *
HFE
IC =0.1 mA, VCE =1.0 V
IC =1.0 mA, VCE =1.0 V
IC =10mA, VCE =1.0 V
IC =50mA, VCE =1.0 V
IC = 100 mA, VCE =1.0 V
40
70
100
60
30
300
IC =10mA, IB =1.0 mA
0.2
IC =50mA, IB =5.0 mA
0.3
IC =10mA, IB =1.0 mA
0.65
0.85
IC =50mA, IB = 5.0 mA
0.95
Current-gain-bandwidth product
fT
IC =10mA, VCE = 20 V, f = 100 MHz
300
MHz
Output capacitance
Cobo
VCB =5.0 V, IE = 0,f= 1.0 MHz
4
pF
Input capacitance
Cibo
VEB =0.5 V, IC = 0,f= 1.0 MHz
8
pF
Input impedance
hie
VCE =10V, IC = 1.0 mA, f = 1.0 kHz
1.0
10
kÙ
Voltage feedback ratio
hre
VCE =10V, IC = 1.0 mA, f = 1.0 kHz
0.5
8.0
X10
-4
Small-signal current gain
hfe
VCE =10V, IC = 1.0 mA, f = 1.0 kHz
100
400
Output admittance
hoe
VCE =10V, IC = 1.0 mA, f = 1.0 kHz
1.0
40
ìmhos
Noise figure
NF
VCE =5.0 V, IC = 100 ìA, RS =1.0 kÙ, f
=1.0 kHz
5dB
Delay time
td
VCC = 3.0 V, V = - 0.5 V
35
ns
Rise time
tr
IC =10mA, IB1 = 1.0 mA
35
ns
Storage time
ts
VCC =3.0 V, IC = 10 mA
200
ns
Fall time
tf
IB1 =IB2 = 1.0 mA
50
ns
* Pulse test: pulse width
300 ìs, duty cycle
2.0%.
Collector-emitter saturation voltage *
Base-emitter saturation voltage *
V
VCE(sat)
VBE(sat)
MMBT3904W
Marking
Marking
AM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com