Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMD-600C Datasheet(PDF) 13 Page - Altech corporation

Part # GMD-600C
Description  Contactors (9 to 85A) Frame size
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

GMD-600C Datasheet(HTML) 13 Page - Altech corporation

Back Button GMD-600C Datasheet HTML 6Page - Altech corporation GMD-600C Datasheet HTML 7Page - Altech corporation GMD-600C Datasheet HTML 8Page - Altech corporation GMD-600C Datasheet HTML 9Page - Altech corporation GMD-600C Datasheet HTML 10Page - Altech corporation GMD-600C Datasheet HTML 11Page - Altech corporation GMD-600C Datasheet HTML 12Page - Altech corporation GMD-600C Datasheet HTML 13Page - Altech corporation GMD-600C Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
®
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
13
1
45
57
43.3
7
8.7
7.6
M3.5(Coil terminal)
M3.5
37.7
35
GMC-12M
45
8.7
7.6
69
55.3
7
M3.5(Coil terminal)
M3.5
37.7
35
GMD-12M
GMC-12M: 0.17kg (0.37 lbs.)
S
Weight:
AZ-85H: 144g (0.32 lbs.)
AZ-40H: 72g (0.16 lbs.)
GMD-12M: 0.23kg (0.51 lbs.)
Weight:
*
for use with
overload relay
GTH(K)-40
AZ-40H
for use with
overload relay
GTH(K)-85
AZ-85H
Mini Contactors
(Dimensions shown in mm, to convert to inches multiply by 0.03937)
2
Separate Mounting Units for Overload Relays
(Dimensions shown in mm, to convert to inches multiply by 0.03937)
Weight:
Weight:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com