Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HE10HWPR/11 Datasheet(PDF) 5 Page - Altech corporation

Part # HE10HWPR/11
Description  FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

HE10HWPR/11 Datasheet(HTML) 5 Page - Altech corporation

  HE10HWPR/11 Datasheet HTML 1Page - Altech corporation HE10HWPR/11 Datasheet HTML 2Page - Altech corporation HE10HWPR/11 Datasheet HTML 3Page - Altech corporation HE10HWPR/11 Datasheet HTML 4Page - Altech corporation HE10HWPR/11 Datasheet HTML 5Page - Altech corporation HE10HWPR/11 Datasheet HTML 6Page - Altech corporation HE10HWPR/11 Datasheet HTML 7Page - Altech corporation HE10HWPR/11 Datasheet HTML 8Page - Altech corporation HE10HWPR/11 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FEED THROUGH STANDOFF
FEET EUROSTRIPS
Panel Mount
For wire-to-wire connections in
HVAC, appliance, equipment,
power distribution and other
industrial applications with
restricted budget and space
requirements.
Easy to use feed through termi-
nal strips are a cost-effective
alternative to barrier strips or
other types of terminal blocks.
Simply strip the wire, insert,
and tighten the screw.
Eurostrips feature tubular
screw clamps, with wire protec-
tors, and recessed metal parts
for finger protection. The stain-
less steel wire protectors exhib-
it excellent memory and the
most effective connection.
Eurostrips described on this
and the preceeding page are
available with standoff feet for
increased wiring efficiency.
They can be panel mounted or
left to free float. Offered in easy
to cut 12 pole strips, they can
also be ordered precut with the
required number of poles.
• Tubular screw clamp
• Panel mount or free float
• Housing material:
polyamide 6.6
• Color: opaque white
• Marking plates or
factory imprinted
10 mm
3.6 mm
6 mm
2.5-4 mm2
24-10 AWG
400 V
600 V
10 A
30 A
0.8 Nm
7.0 lb-in
Cat. No.
Std. Pk.
HE4HNWPR/02
100
HE4HNWPR/03
100
HE4HNWPR/04
100
HE4HNWPR/05
100
HE4HNWPR/06
50
HE4HNWPR/07
50
HE4HNWPR/08
50
HE4HNWPR/09
50
HE4HNWPR/10
50
HE4HNWPR/11
50
HE4HNWPR/12
50
HE1H
HE4HN
Pole Spacing
Mounting Hole Diameter
Stripping Length
Approvals
Wire Range
Voltage Rating
Current Rating
Torque
No. of Poles
2
3
4
5
6
7
8
9
10
11
12
Standoff feet with wire protector
Standoff feet with wire protector
Dimensions mm
A= 8.0
I= 6.6
B= M2.6
J= 6.5
C= 5.2
K= 10.3
D= 2.8
L= 94 (12 pole)
E= Ø3
M= 16
F= Ø5
N =
16.2
G = 8.0
O= 10.1
H= Ø2.8
Dimensions mm
A= 10.0
I= 6.7
B= M3
J= 8.5
C= 6.4
K= 12.1
D= 3.5
L= 117 (12 pole)
E= Ø3.6
M= 19.1
F= Ø5.7
N =
20
G = 10.0
O =
14.0
H= Ø3.6
8 mm
3 mm
5 mm
1-2.5 mm2
24-12 AWG
400 V
600 V
6 A
20 A
0.5 Nm
4.4 lb-in
Cat. No.
Std. Pk.
HE1HWPR/02
100
HE1HWPR/03
100
HE1HWPR/04
100
HE1HWPR/05
100
HE1HWPR/06
50
HE1HWPR/07
50
HE1HWPR/08
50
HE1HWPR/09
50
HE1HWPR/10
50
HE1HWPR/11
50
HE1HWPR/12
50
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
84
E211022
E211022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com