Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-S2005 Datasheet(PDF) 2 Page - Altech corporation

Part # PS-S2005
Description  20W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-S2005 Datasheet(HTML) 2 Page - Altech corporation

  PS-S2005 Datasheet HTML 1Page - Altech corporation PS-S2005 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
PS-S20 Series
20W Single Output Industrial DIN Rail Power Supply
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
35
+V
5
5
22.5
5 5
-V
100
R
Model
5V
12V
15V
24V
R
200
1.5K
2K
3.9K
V-
5.1V
R
V-
V-
Relay
RL
Model
Model
5V
5V
12V
12V
15V
15V
24V
24V
R
RL
1K
120
2.4K
700
3K
700
4.7K
1.2K
+
DC
OK
+V ADJ
N L



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com